Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA731 Datasheet(PDF) 1 Page - OPTEK Technologies

Part No. OPA731
Description  20 Watt Light Flood on Anotherm Linear Heat Spreader
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTEK [OPTEK Technologies]
Homepage  http://www.optekinc.com
Logo 

OPA731 Datasheet(HTML) 1 Page - OPTEK Technologies

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue A
04/06
Page 1 of 1
OPA731 Series
20 Watt Light Flood on
Anotherm Linear Heat Spreader
OPA731 Series
20, 1 watt LEDs per square substrate
Mono-color per strip (Blue, Green, Red, Yellow, White)
Two component beam angle options (120° or 40°)
Universal connector (Tyco 2-292173-2 mates with 173977-2)
RoHS Compliant
The OPA731 Series are designed for areas where lighting intensity and reliability
are essential. The light beam angles of 40° and 120° are ideal for illuminating small and medium size areas while
requiring minimal space. A patented substrate is used to ensure the best heat dissipation of any light assembly in
the industry.
For custom colors and design contact your OPTEK representative.
Product Photo Here
RoHS
OPA731_ (120° Beam Angle)
OPA731_D (40° Beam Angle)
DO NOT LOOK DIRECTLY AT LED
WITH UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
OCCUR.
OPA731_
See OVSP_BCR4 for
component specifications
See OVSP_4CR44 for
component specifications
OPA731_D
Electrical / Optical Characteristics: TA=25°C, IF=1.4A
Part Number
Typical Forward Voltage (V) Luminous Flux (lm)
Beam Angle
Color
OPA731Y
12.5
700
Yellow
OPA731B
18.0
180
Blue
OPA731G
18.0
960
Green
OPA731R
12.5
520
Red
OPA731W
18.0
960
White
OPA731YD
12.5
700
40°
Yellow
OPA731BD
18.0
180
Blue
OPA731GD
18.0
960
Green
OPA731RD
12.5
520
Red
OPA731WD
18.0
960
White
120°
Dominant Wavelength
587 nm
470 nm
530 nm
625 nm
6,500°K
587 nm
470 nm
530 nm
625 nm
6,500°K
+ Voltage
Ground


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn