Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRC3264WTC1000.1R Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # LRC3264WTC1000.1R
Description  Fractional Ohm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

LRC3264WTC1000.1R Datasheet(HTML) 1 Page - Willow Technologies Ltd

  LRC3264WTC1000.1R Datasheet HTML 1Page - Willow Technologies Ltd LRC3264WTC1000.1R Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LRC-SERIES
PRODUCT BULLETIN
Specifications
DEDICATION TO EXCELLENCE
TYPE
L
W
H
P
(2010)
(2512)
Power Ratings
Available Values
Resistance Range
Resistance Tolerance ± 1%
Case Size
Wattage
Temperature Coefficient
.75W @ 70°C
1.0W @ 70°C
2010
2512
± 75 PPM/°C
± 100 PPM/°C
Dimension
INCHES
MILLIMETERS
L
W
H
P
Protective Coating
Termination (Outer)
Termination (Barrier)
Termination (Inner)
Resistive Element
Alumina Substrate
.50W @ 70°C
1206
(1206)
Fractional Ohm
.25W @ 70°C
0805
(0805)
± 200 PPM/°C
0.01 .99
0.1 1.0
REV C
1/14/00
0.05 .099
0.025 .049
METAL FILM
STANDARD INDUSTRY CASE SIZES
0805 1206 2010 2512
POWER RATINGS .25W, .50W, .75W &
1.0W
TCR ±75, ±100 & ±200 PPM/°C
TOLERANCE 1%
LOW INDUCTANCE
WRAP AROUND TERMINATION
TERMINATION BARRIER FOR
INNER ELECTRODE PROTECTION
STABLE CURRENT DETECTING
RESISTOR
(2.00 ±0.15)
0.126 ±0.006
(3.20 ±0.15)
0.200 ±0.006
(5.10 ±0.15)
0.250 ±0.006
(6.30 ±0.15)
0.049 ±0.006
(1.25 ±0.15)
0.063 ±0.006
(1.60 ±0.15)
0.098 ±0.006
(2.50 ±0.15)
0.126 ±0.006
(3.20 ±0.15)
0.020 ±0.006
(0.50 ±0.15)
0.024 ±0.006
(0.60 ±0.15)
0.024 ±0.006
(0.50 ±0.15)
0.024 ±0.006
(0.50 ±0.15)
0.016 ±0.010
(0.40 ±0.25)
0.020 ±0.010
(0.50 ±0.25)
0.024 ±0.010
(0.60 ±0.25)
0.024 ±0.010
(0.60 ±0.25)
0.079 ±0.006
Operating Temperature Range is -55°C to +125°C
In addition the 0805 part is available from
@ ±200 PPM/°C
TC100
0.1R
Resistance Tolerance
Resistance Value
Type
LRC1632L
Sample Part Number
Temperature Coefficient
How to Order
0805
2010
1206
2512
2.0
2.5
5.0
2.0
2.4
2.5
2.7
3.9
5.0
5.6
7.5
8.2
1.2
1.6
2.5
4.0
5.0
6.5
2.0
All E6 values plus the following
±1%
LRC1220L
LRC1632L
LRC2550L
LRC3264L
Subject to change without notice
Continued on reverse side
WILLOW TECHNOLOGIES LTD.
SHAWLANDS COURT, NEWCHAPEL ROAD
LINGFIELD, SURREY, RH7 6BL, ENGLAND
Tel. + 44 (0) 1342 835234 Fax. + 44 (0) 1342 834306
E-mail rob@willow.co.uk
Website http://www.willow.co.uk


Similar Part No. - LRC3264WTC1000.1R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LRC32 ETC1-LRC32 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - LRC3264WTC1000.1R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
CS2100-CP CIRRUS-CS2100-CP_09 Datasheet
278Kb / 32P
   Fractional-N Clock Multiplier
logo
Hittite Microwave Corpo...
HMC778LP6CE HITTITE-HMC778LP6CE Datasheet
1Mb / 8P
   FRACTIONAL-N PLL WITH
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
ADF4154 AD-ADF4154_15 Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
REV. C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com