Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA75600VA Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA75600VA
Description  Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75600VA Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA75600VA Datasheet HTML 4Page - Sanyo Semicon Device LA75600VA Datasheet HTML 5Page - Sanyo Semicon Device LA75600VA Datasheet HTML 6Page - Sanyo Semicon Device LA75600VA Datasheet HTML 7Page - Sanyo Semicon Device LA75600VA Datasheet HTML 8Page - Sanyo Semicon Device LA75600VA Datasheet HTML 9Page - Sanyo Semicon Device LA75600VA Datasheet HTML 10Page - Sanyo Semicon Device LA75600VA Datasheet HTML 11Page - Sanyo Semicon Device LA75600VA Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LA75600VA
No.A0325-8/17
V23.V24 APC pull-in range …… [fpu, fpl]
(1) Internal AGC
(2) fp = 39MHz to 51MHz continuous wave ; 10mVrms
(3) Adjust the SG signal frequency to be higher than fp = 45.75MHz to bring the PLL to unlocked state.
Note; The PLL is assumed to be in unlocked state when a beat signal appears at test point A.
(4) When the SG signal frequency is lowered, the PLL is brought to locked state again. …… f1
(5) Lower the SG signal frequency to bring the PLL to unlocked state.
(6) When the SG signal frequency is raised, the PLL is brought to locked state again. …… f2
(7) Calculate as follows:
fpu = f1
− 45.75MHz
fpl = f2
− 45.75MHz
V25. AFT tolerance frequency 1 …… [
∆fa1]
(1) Internal AGC
(2) SG1:43.75MHz to 47.75MHz variable continuous wave 10mVrmns
(3) Adjust the SG1 signal frequency so that the AFT output DC voltage (test point B) becomes 2.5V; that SG1 signal
frequency is f1.
(4) External AGC (Adjust the V17.)
(5) Apply 9V to the IFAGC (pin 17) and then pick up the VCO oscillation frequency from the GND, etc.; that
frequency is f2.
(6) Calculate as follows: AFT tolerance frequency
∆fa1 = f2 − f1 (kHz)
V26.V27 VCO Maximum variable range (U, L) …… [dfu, dfl]
(1) Apply the VCC voltage to the external AGC, IF AGC (pin 17).
(2) Pick up the VCO oscillation frequency from the VIDEO output (A), GND, etc. and adjust the VCO coil so that the
frequency becomes 45.75MHz.
(3) fl is taken as the frequency when 1V is applied to the APC pin (pin 9). In the same manner, fu is taken as the
frequency when 5V is applied to the APC pin (pin 9).
dfu = fu
− 45.75MHz
dfl = fl
− 45.75MHz
V28. VCO control sensitivity …… [
β]
(1) Apply the VCC voltage to the external AGC, IF AGC (pin 17).
(2) Pick up the VCO oscillation frequency from the VIDEO output (A), GND, etc. and adjust the VCO coil so that the
frequency becomes 45.75MHz.
(3) f1 is taken as the frequency when 2.8V is applied to the APC pin (pin 9). In the same manner, f2 is taken as the
frequency when 3.0V is applied to the APC pin (pin 9).
V29. RF AGC input level …… [ViRFAGC]
(1) Internal AGC.
(2) fp = 45.7MHz continuous wave (VIF input)
(3) Measure the input level at which the pin 14 voltage becomes 2.5V with the RF AGC resistance (pin 21 to GND)
being 5.1k
Ω.
S1. SIF limiting sensitivity …… [Vi(lim)]
(1) Apply the VCC voltage to the external AGC, IF AGC (pin 17).
(2) fs = 4.5MHz fm = 400Hz
∆f = ±25kHz (SIF input Vi = 100mVrms)
(3) Set the SIF input level to 100mVrms and measure the level attest point D. ……V1
(4) Lower the SIF input level and measure the input level that becomes V1 − 3dB.
S2.S4 FM detection output voltage, Distortion factor …… [VO(FM), THD]
(1) Apply the VCC voltage to the external AGC, IF AGC (pin 17).
(2) fs = 4.5MHz fm = 400Hz
∆f = ±25kHz (SIF input)
(3) Measure the FM detection output voltage and the distortion rate at test point D.


Similar Part No. - LA75600VA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7565B SANYO-LA7565B Datasheet
322Kb / 16P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
LA7565BM SANYO-LA7565BM Datasheet
322Kb / 16P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
LA7565E SANYO-LA7565E Datasheet
198Kb / 18P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
LA7565KM SANYO-LA7565KM Datasheet
198Kb / 18P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
LA7566 SANYO-LA7566 Datasheet
234Kb / 11P
   VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support
More results

Similar Description - LA75600VA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75501 SANYO-LA75501 Datasheet
118Kb / 11P
   For Use in TV/VCR Applications VIF/SIF Signal Processing IC
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA75501V SANYO-LA75501V_07 Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA75501V SANYO-LA75501V Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA7533 SANYO-LA7533 Datasheet
84Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VCR Use?
LA75695VA SANYO-LA75695VA Datasheet
286Kb / 12P
   For Use in TV/VTR Applications IF Signal Processing (VIFSIFSIF converter)
LA75525VA SANYO-LA75525VA Datasheet
79Kb / 6P
   Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75503V SANYO-LA75503V_07 Datasheet
521Kb / 15P
   For PAL TV/VCR Adjustment Free VIF/SIF Signal Processing IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com