Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA75525VA Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA75525VA
Description  Monolithic Linear IC For TV Sets and VCRs VIF/SIF Signal-Processing IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75525VA Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA75525VA Datasheet HTML 1Page - Sanyo Semicon Device LA75525VA Datasheet HTML 2Page - Sanyo Semicon Device LA75525VA Datasheet HTML 3Page - Sanyo Semicon Device LA75525VA Datasheet HTML 4Page - Sanyo Semicon Device LA75525VA Datasheet HTML 5Page - Sanyo Semicon Device LA75525VA Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LA75525VA
No.7961-5/6
Block Diagram
A: IF system SW
The IF frequency becomes 45.75MHz when pin 10 is open.
The IF frequency becomes 58.75MHz when pin 10 is set to VCC.
B: Split / Inter carrier SW
Inter-carrier is selected by setting the 1
st SIF input (pin 13) to GND.
C: Reference frequency changeover SW
The reference frequency becomes 3.58MHz when pin 11 is set to “C- .”
This frequency becomes 4.0MHz when this pin is set to “C- .”
1
2
34
5
6
78
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
330k
330
4.5M
BPF
VIDEO
OUTPUT
SW10
SW11
V4
V3
V2
V1
TV/FM
3.58/4MHz
AFT OUTPUT
VCC
SW13
SAWF
(S)
SAWF(P)
RF AGC
OUTPUT
VIF/SIF
INPUT
SW15
AUDIO
OUTPUT
SOUND CARRIER
OUTPUT
*(Number)for VQFN
AMP
LIM
AMP
LIM
AMP
VIF
AMP
1 stSIF
AMP
EQ
AMP
TV
FM
FM
DET
TV
APC
FM
APC
TRAP
INT
INT
EXT
VIDEO
DET
SPLI
IF
AGC
RF
AGC
VCO
AFT
AGC
SW
MODE
CTRL
15
µF
1000pF
3.58MHz IN
11
C-
1
270k
11
C-
2
4.0MHz IN
1000pF


Similar Part No. - LA75525VA

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
More results

Similar Description - LA75525VA

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
LA75520KVA SANYO-LA75520KVA Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75520K SANYO-LA75520K Datasheet
139Kb / 12P
   Monolithic Linear IC IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
LA75521VA SANYO-LA75521VA Datasheet
196Kb / 13P
   IF Signal Processing (VIFSIF) IC that Supports the PAL Video Standard for TV Sets and VCRs
LA75600VA SANYO-LA75600VA Datasheet
390Kb / 16P
   Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
Panasonic Semiconductor
Panasonic Semiconductor
AN5170K PANASONIC-AN5170K Datasheet
21Kb / 1P
   VIF/SIF signal processor IC for TV and VCR
AN5177NK PANASONIC-AN5177NK Datasheet
50Kb / 4P
   VIF/SIF Signal Processor IC for TV and VCR
Sanyo Semicon Device
Sanyo Semicon Device
LA75503V SANYO-LA75503V Datasheet
525Kb / 15P
   Adjustment Free VIF/SIF Signal Processing IC for PAL TV/VCR
LA75501 SANYO-LA75501 Datasheet
118Kb / 11P
   For Use in TV/VCR Applications VIF/SIF Signal Processing IC
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz