Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA74310LP Datasheet(PDF) 17 Page - Sanyo Semicon Device

Part # LA74310LP
Description  Monolithic Linear IC Audio Interface for DSC Video Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74310LP Datasheet(HTML) 17 Page - Sanyo Semicon Device

Back Button LA74310LP Datasheet HTML 13Page - Sanyo Semicon Device LA74310LP Datasheet HTML 14Page - Sanyo Semicon Device LA74310LP Datasheet HTML 15Page - Sanyo Semicon Device LA74310LP Datasheet HTML 16Page - Sanyo Semicon Device LA74310LP Datasheet HTML 17Page - Sanyo Semicon Device LA74310LP Datasheet HTML 18Page - Sanyo Semicon Device LA74310LP Datasheet HTML 19Page - Sanyo Semicon Device LA74310LP Datasheet HTML 20Page - Sanyo Semicon Device LA74310LP Datasheet HTML 21Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LA74310LP
No.A0904-17/22
POP Sound Avoiding Sequence
Recommended serial control settings
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
LPF
CHRG
MIC
ALC
LPF MODESW
REC
LINE
LINE
SPK
EVR1 EVR2 EVR4 EVR8 EVR16
DMY
C SW
P SW P SW P SW
P SW P SW MUTE P SW DATA DATA DATA DATA DATA
*
0:11kHz 0:ON 0:ON 0:ON
0:ON
0:ON
0:ON
0:ON 0:OFF 0:OFF 0:OFF 0:OFF 0:OFF
Timing
Communication content
*
1:4kHz 1:OFF 1:OFF 1:OFF
(1, *): REC
(0, 0):
PB Analog
(0, 1):
PB Digital
1:OFF 1:OFF 1:OFF 1:OFF 1:ON
1:ON
1:ON
1:ON
1:ON
T1
Standby cancellation
T2
Dummy communication
(only CS)
DATA unnecessary
T3
VREF charging circuit: OFF
0
0/1
1
1
1
0
0/1
1
1
0
1
0
0
0
0
0
T4
Speaker AMP: ON
0
0/1
1
1
1
0
0/1
1
1
0
0
0
0
0
0
0
T5
Line AMP: ON
0
0/1
1
1
1
0
0/1
1
0
1
0
0
0
0
0
0
T6
Return to the initial state
0
1
0
0
0
0
0
0
1
0
1
0
0
0
0
0
T7
Standby control
DATA unnecessary
CS
DATA sending timing
STANDBY pin
(23PIN)
=Don’t care
=CLOCK
Power Supply
(VCCA &
VCCSP)
Optional
After 10ms
After 150ms (When pin 24
capacitance is 0.1
µF)
CLOCK
T0
T1
T2
T3
T4
T5
T6
T7
T8
1Upon STANDBY cancellation & control (PBMODE)
After 20ms
After 50ms
After 200ms
Before 10ms


Similar Part No. - LA74310LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA74310LP SANYO-LA74310LP Datasheet
227Kb / 22P
   Audio Interface for DSC Video Driver
LA74310LP SANYO-LA74310LP_08 Datasheet
227Kb / 22P
   Audio Interface for DSC Video Driver
More results

Similar Description - LA74310LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA74303FN SANYO-LA74303FN Datasheet
215Kb / 18P
   Monolithic Linear IC Audio Interface for DSC
LA74308LP SANYO-LA74308LP Datasheet
191Kb / 16P
   Monolithic Linear IC Audio Interface for DSC
LA74302FN SANYO-LA74302FN Datasheet
152Kb / 12P
   Monolithic Linear IC Audio Interface for DSC
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
LA74310LP SANYO-LA74310LP_08 Datasheet
227Kb / 22P
   Audio Interface for DSC Video Driver
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
   Monolithic Linear IC Video Driver for Wideband
LA72730 SANYO-LA72730 Datasheet
121Kb / 8P
   Monolithic Linear IC For TV Audio/Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com