Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA74310LP Datasheet(PDF) 16 Page - Sanyo Semicon Device

Part # LA74310LP
Description  Monolithic Linear IC Audio Interface for DSC Video Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA74310LP Datasheet(HTML) 16 Page - Sanyo Semicon Device

Back Button LA74310LP Datasheet HTML 12Page - Sanyo Semicon Device LA74310LP Datasheet HTML 13Page - Sanyo Semicon Device LA74310LP Datasheet HTML 14Page - Sanyo Semicon Device LA74310LP Datasheet HTML 15Page - Sanyo Semicon Device LA74310LP Datasheet HTML 16Page - Sanyo Semicon Device LA74310LP Datasheet HTML 17Page - Sanyo Semicon Device LA74310LP Datasheet HTML 18Page - Sanyo Semicon Device LA74310LP Datasheet HTML 19Page - Sanyo Semicon Device LA74310LP Datasheet HTML 20Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LA74310LP
No.A0904-16/22
Continued from preceding page.
Pin No.
Pin Name
DC voltage
Description of functions
Equivalent circuit diagram in pin
33
VIN
1.1V
Video input terminal
(Sync-tip clamp (input High-impedance))
34
PSAVCTL
VCC
or
0V
Power save mode select pin
Control of Pin4
MODE
H (VCC)
OPEN
or
VCC±0.5V
STANDBY
L (GND)
0V to 0.3V
ACTIVE
35
GND
0V
36
NC
NC pin
37
CLKOUT
+3.0V
↑↓
0V
38
ND
+0.5V
↑↓
-2.6V
(-VCC)
39
VCCN
0V
↑↓
-2.5V
(-VCC)
Pin37: Clock output terminal
Pin38: The terminal which transmits
an electric charge
Pin39: Negative VCC
40
VOUT
0V
Video output terminal
(Push-pull output Low-impedance)
VCC
VIN
1
33
35
GND
200
200
2k
Active:On
Standby:Off
2k
2k
26k
37pin
38pin
3V
2V
1V
0V
-1V
-2V
-3V
VCC=3.1V
39pin
2Vpp
-0.6V
1.4V
0V
GAIN SET: 6dB
1.0Vpp
GAIN SET: 12dB 500mVpp
GAIN SET: 16dB 317mVpp
1.05V
VCC
GND
50k
50k
50k
4k
1
34
35
PSAVCTL
CLKOUT
GND
37
2.4V
1
35
50k
50k
50k
VCC
GND
GND
1
35
39
38
50k
100k
VCC
VCCIN
1
40
39
VOUT
+
-
50k
50k
500
100k
GND
35
STANDBY:High-impedance
ACTIVE:Low-impedance
VCC
VCCIN


Similar Part No. - LA74310LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA74310LP SANYO-LA74310LP Datasheet
227Kb / 22P
   Audio Interface for DSC Video Driver
LA74310LP SANYO-LA74310LP_08 Datasheet
227Kb / 22P
   Audio Interface for DSC Video Driver
More results

Similar Description - LA74310LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA74303FN SANYO-LA74303FN Datasheet
215Kb / 18P
   Monolithic Linear IC Audio Interface for DSC
LA74308LP SANYO-LA74308LP Datasheet
191Kb / 16P
   Monolithic Linear IC Audio Interface for DSC
LA74302FN SANYO-LA74302FN Datasheet
152Kb / 12P
   Monolithic Linear IC Audio Interface for DSC
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
LA74310LP SANYO-LA74310LP_08 Datasheet
227Kb / 22P
   Audio Interface for DSC Video Driver
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
   Monolithic Linear IC Video Driver for Wideband
LA72730 SANYO-LA72730 Datasheet
121Kb / 8P
   Monolithic Linear IC For TV Audio/Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com