Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA72714VA Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # LA72714VA
Description  Monolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72714VA Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LA72714VA Datasheet HTML 6Page - Sanyo Semicon Device LA72714VA Datasheet HTML 7Page - Sanyo Semicon Device LA72714VA Datasheet HTML 8Page - Sanyo Semicon Device LA72714VA Datasheet HTML 9Page - Sanyo Semicon Device LA72714VA Datasheet HTML 10Page - Sanyo Semicon Device LA72714VA Datasheet HTML 11Page - Sanyo Semicon Device LA72714VA Datasheet HTML 12Page - Sanyo Semicon Device LA72714VA Datasheet HTML 13Page - Sanyo Semicon Device LA72714VA Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
LA72714VA
No.A0626-12/14
Mode Select (pin & I
2C setting)
MUTE PIN
setting
I
2C
OUTPUT MODE
READ
MODE OUT
MODE
I/O
Broadcast
signal
pin8
D5
D4
D3
D2
D1
LCH (pin18)
RCH (pin17)
MODE
D8
D7
Pin20
L or OPEN
0
0
0
0
0
MAIN
SUB
BOTH
0
1
L or OPEN
0
0
0
0
1
MAIN
MAIN
MAIN
0
1
L or OPEN
0
0
0
1
0
SUB
SUB
SUB
0
1
L or OPEN
0
0
1
*
*
MAIN
MAIN
MONO
0
1
*
*
1
*
*
*
MUTE
MUTE
MUTE
0
1
H
*
*
*
*
*
MUTE
MUTE
MUTE
0
1
Bilingual
L or OPEN
1
0
*
*
*
EXT L
EXT R
EXT
0
1
3V
L or OPEN
0
0
0
*
*
L
R
STEREO
1
0
L or OPEN
0
0
1
*
*
L+R
L+R
MONO
1
0
*
*
1
*
*
*
MUTE
MUTE
MUTE
1
0
H
*
*
*
*
*
MUTE
MUTE
MUTE
1
0
STEREO
L or OPEN
1
0
*
*
*
EXT L
EXT R
EXT
1
0
2V
L or OPEN
0
0
*
*
*
L+R
L+R
MONO
0
0
*
*
1
*
*
*
MUTE
MUTE
MUTE
0
0
H
*
*
*
*
*
MUTE
MUTE
MUTE
0
0
MONO
L or OPEN
1
0
*
*
*
EXT L
EXT R
EXT
0
0
1V
*: Don’t care.
16pin : Slave address select.
0V to 1.5V : A0H, OPEN : 80H, 3.0V to VCC : 84H
Serial Data Specification (I
2C bus communication)
Data bit
MSB
LSB
D8
D7
D6
D5
D4
D3
D2
D1
TEST
SIF or
BASE BAND
JUST
CLK
EXT SOURCE
SELECT
NORMAL OUT
MUTE
Forced
MONO
(Bilingual mode select)
0 : OFF
1 : ON
0 : SIF
1 : BASE
BAND
0 : OFF
1 : ON
0 : OFF(TV)
1 : EXT
0 : OFF
1 : ON
0 : OFF
1 : ON
00:BILINGUAL
01:MAIN
10:SUB
11:Unusable
Note : Underline shows default setting


Similar Part No. - LA72714VA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72710V SANYO-LA72710V Datasheet
285Kb / 10P
   Multi Channel Television Sound Decoder
LA72715NV SANYO-LA72715NV Datasheet
373Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715NV SANYO-LA72715NV Datasheet
386Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
logo
ON Semiconductor
LA72715NV ONSEMI-LA72715NV Datasheet
235Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
July, 2013
LA72715NV-TLM-E ONSEMI-LA72715NV-TLM-E Datasheet
235Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
July, 2013
More results

Similar Description - LA72714VA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72715V SANYO-LA72715V Datasheet
201Kb / 12P
   Monolithic Linear IC JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715V SANYO-LA72715V_12 Datasheet
163Kb / 12P
   JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715NV SANYO-LA72715NV Datasheet
373Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
logo
ON Semiconductor
LA72715NV-TLM-E ONSEMI-LA72715NV-TLM-E Datasheet
235Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
July, 2013
logo
Sanyo Semicon Device
LA72715NV SANYO-LA72715NV_12 Datasheet
386Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
LA72702VA SANYO-LA72702VA Datasheet
158Kb / 11P
   Monolithic Linear IC For US TV BTSC Decoder
LA72703V SANYO-LA72703V Datasheet
168Kb / 12P
   Monolithic Linear IC For US TV BTSC Decoder
LA72702NV SANYO-LA72702NV Datasheet
160Kb / 10P
   Monolithic Linear IC For US TV BTSC Decoder
LA72710V SANYO-LA72710V Datasheet
285Kb / 10P
   Multi Channel Television Sound Decoder
LA76850 SANYO-LA76850 Datasheet
284Kb / 31P
   Monolithic Linear IC Black & White Television IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com