Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA42051 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA42051
Description  Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42051 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LA42051 Datasheet HTML 1Page - Sanyo Semicon Device LA42051 Datasheet HTML 2Page - Sanyo Semicon Device LA42051 Datasheet HTML 3Page - Sanyo Semicon Device LA42051 Datasheet HTML 4Page - Sanyo Semicon Device LA42051 Datasheet HTML 5Page - Sanyo Semicon Device LA42051 Datasheet HTML 6Page - Sanyo Semicon Device LA42051 Datasheet HTML 7Page - Sanyo Semicon Device LA42051 Datasheet HTML 8Page - Sanyo Semicon Device LA42051 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LA42352
No.A0078-6/9
Features of IC Inside and Usage Note
Standby function
• Pin 5 is the standby switch pin. The amplifier is turned on by applying approximately 3V or more to this pin through an
external resistor (R3).
• If voltage in excess of 10V is to be applied to the standby switch, calculate the value of R3 using the following formula
so that the current flowing into pin 5 is 500
µA or less:
R3 =
(Applied voltage
− 2VBE (≈1.4V))
500
µA
− 15kΩ
Protector
• In order to prevent damage or degradation which may be caused by abnormally heated IC, the LA42352 has a thermal
shutdown protector. Accordingly, if the IC junction temperature (Tj) climbs to around 160
°C due to inadequate heat
dissipation, the thermal shutdown protector will operate to control the output gradually into attenuation.


Similar Part No. - LA42051

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA42051 SANYO-LA42051 Datasheet
96Kb / 6P
   Audio Output for TV Application 5W횞1ch Power Ampilfier
More results

Similar Description - LA42051

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_05 Datasheet
187Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Sanyo Semicon Device
LA4814JA SANYO-LA4814JA Datasheet
555Kb / 16P
   Monolithic Linear IC 2-Channel Power Amplifier
LA4814V SANYO-LA4814V Datasheet
582Kb / 17P
   Monolithic Linear IC 2-Channel Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com