Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62167EV18LL-55BVXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY62167EV18LL-55BVXI
Description  16-Mbit (1M x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167EV18LL-55BVXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY62167EV18LL-55BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62167EV18LL-55BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62167EV18LL-55BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62167EV18LL-55BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62167EV18LL-55BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62167EV18LL-55BVXI Datasheet HTML 9Page - Cypress Semiconductor CY62167EV18LL-55BVXI Datasheet HTML 10Page - Cypress Semiconductor CY62167EV18LL-55BVXI Datasheet HTML 11Page - Cypress Semiconductor CY62167EV18LL-55BVXI Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CY62167EV18 MoBL®
Document #: 38-05447 Rev. *G
Page 10 of 13
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
55
CY62167EV18LL-55BAXI
001-13297 48-ball VFBGA (6 × 7 × 1 mm) (Pb-free)
Industrial
CY62167EV18LL-55BVI
51-85150 48-ball VFBGA (6 × 8 × 1 mm)
CY62167EV18LL-55BVXI
48-ball VFBGA (6 × 8 × 1 mm) (Pb-free)
CY62167EV30LL-45BVI [5]
51-85150 48-ball VFBGA (6 × 8 × 1 mm)
Package Diagram
Figure 10. 48-Ball VFBGA (6 x 7 x 1 mm), 001-13297
NOTES:
1. ALL DIMENSION ARE IN MM [MAX/MIN]
2. JEDEC REFERENCE : MO-216
3. PACKAGE WEIGHT : 0.03g
001-13297-*A
[+] Feedback


Similar Part No. - CY62167EV18LL-55BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167EV18LL-55BVXI CYPRESS-CY62167EV18LL-55BVXI Datasheet
482Kb / 13P
   16 Mbit (1M x 16) Static RAM
CY62167EV18LL-55BVXI CYPRESS-CY62167EV18LL-55BVXI Datasheet
314Kb / 16P
   16 Mbit (1M x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62167EV18LL-55BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_10 Datasheet
319Kb / 17P
   16-Mbit (1M x 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_07 Datasheet
642Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_06 Datasheet
344Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30 Datasheet
265Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061BV33 CYPRESS-CY7C1061BV33 Datasheet
307Kb / 9P
   16-Mbit (1M x 16) Static RAM
CY62167EV18 CYPRESS-CY62167EV18 Datasheet
482Kb / 13P
   16 Mbit (1M x 16) Static RAM
CY62167DV18 CYPRESS-CY62167DV18_07 Datasheet
543Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33_07 Datasheet
545Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_09 Datasheet
349Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33 Datasheet
408Kb / 10P
   16-Mbit (1M x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com