Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62167DV30LL-55ZI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62167DV30LL-55ZI
Description  16-Mbit (1M x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167DV30LL-55ZI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62167DV30LL-55ZI Datasheet HTML 1Page - Cypress Semiconductor CY62167DV30LL-55ZI Datasheet HTML 2Page - Cypress Semiconductor CY62167DV30LL-55ZI Datasheet HTML 3Page - Cypress Semiconductor CY62167DV30LL-55ZI Datasheet HTML 4Page - Cypress Semiconductor CY62167DV30LL-55ZI Datasheet HTML 5Page - Cypress Semiconductor CY62167DV30LL-55ZI Datasheet HTML 6Page - Cypress Semiconductor CY62167DV30LL-55ZI Datasheet HTML 7Page - Cypress Semiconductor CY62167DV30LL-55ZI Datasheet HTML 8Page - Cypress Semiconductor CY62167DV30LL-55ZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY62167DV30 MoBL®
Document #: 38-05328 Rev. *G
Page 4 of 12
Notes:
10. Tested initially and after any design or process changes that may affect these parameters.
11. This applies for all packages.
12. Test condition for the 45 ns part is with a load capacitance of 30 pF.
13. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 100 µs or stable at VCC(min.) > 100 µs.
Capacitance[10, 11]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = VCC(typ)
8pF
COUT
Output Capacitance
10
pF
Thermal Resistance[10]
Parameter
Description
Test Conditions
VFBGA
TSOP I
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 3 × 4.5 inch,
2-layer printed circuit board
55
60
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
16
4.3
°C/W
AC Test Loads and Waveforms[12]
VCC
VCC
OUTPUT
R2
50 pF[12]
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to:
THEVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
Parameters
2.5V
3.0V
Unit
R1
16667
1103
R2
15385
1554
RTH
8000
645
VTH
1.20
1.75
V
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min.
Typ.[2] Max.
Unit
VDR
VCC for Data Retention
1.5
V
ICCDR
Data Retention Current
VCC= 1.5V
CE1 > VCC – 0.2V, CE2 < 0.2V,
VIN > VCC – 0.2V or VIN < 0.2V
10
µA
tCDR
[10]
Chip Deselect to Data Retention Time
0
ns
tR
[13]
Operation Recovery Time
tRC
ns
[+] Feedback
[+] Feedback


Similar Part No. - CY62167DV30LL-55ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167DV30LL-55ZI CYPRESS-CY62167DV30LL-55ZI Datasheet
265Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30LL-55ZI CYPRESS-CY62167DV30LL-55ZI Datasheet
349Kb / 12P
   16-Mbit (1M x 16) Static RAM
More results

Similar Description - CY62167DV30LL-55ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_10 Datasheet
319Kb / 17P
   16-Mbit (1M x 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_07 Datasheet
642Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30 Datasheet
265Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061BV33 CYPRESS-CY7C1061BV33 Datasheet
307Kb / 9P
   16-Mbit (1M x 16) Static RAM
CY62167EV18 CYPRESS-CY62167EV18 Datasheet
482Kb / 13P
   16 Mbit (1M x 16) Static RAM
CY62167DV18 CYPRESS-CY62167DV18_07 Datasheet
543Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33_07 Datasheet
545Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_09 Datasheet
349Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33 Datasheet
408Kb / 10P
   16-Mbit (1M x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com