Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA42105 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA42105
Description  Monolithic Linear IC Audio Output for TV application BTL 5W × 1ch Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42105 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LA42105 Datasheet HTML 1Page - Sanyo Semicon Device LA42105 Datasheet HTML 2Page - Sanyo Semicon Device LA42105 Datasheet HTML 3Page - Sanyo Semicon Device LA42105 Datasheet HTML 4Page - Sanyo Semicon Device LA42105 Datasheet HTML 5Page - Sanyo Semicon Device LA42105 Datasheet HTML 6Page - Sanyo Semicon Device LA42105 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LA42105
No.A0741-6/7
0
20
40
60
80
100
612
10
14
816
18
0
8
6
4
2
10
12
14
16
0
6
8
10
12
14
16
2 3
5 7 100 23 5 7 1k
23
5 7
2 3
5 7
10k
18
10
100k
0.01
0.1
2
3
5
7
1
2
3
5
7
2
3
5
7
10
0.01
0.1
2
3
5
7
1
2
3
5
7
2
3
5
7
10
0.1
23
5
7
23
5
7
1
23
5 7100
23
5 7100 23 5 7
23
5 7
100
10
Response – f
– 70
– 60
– 50
– 40
– 30
– 20
– 10
0
– 70
– 60
– 50
– 40
– 30
– 20
– 10
10
23
5 7
23
5 7
23
5 7
23
5 7
100
1k
10k
23
5 7
23
5 7
23
5 7
23
5 7
1k
10k
100k
VNO – Rg
SVRR – fr
0
0.1
0.2
0.3
0.4
0.5
– 4
– 3.5
– 3
– 2.5
– 2
– 1.5
– 1
– 0.5
0.5
0
10
100
100k
10
100k
ICCO – VCC
SVRR – VCC
PO – VCC
THD – PO
THD – f
RL = open
Rg = 0
Ω
VSTBY = 5V
THD = 10%
RL = 8Ω
Rg = 600
Ω
f = 1kHz
VCC = 9.5V
RL = 8Ω
Rg = 600
Ω
VCC = 9.5V
RL = 8Ω
Rg = 600
Ω
VO = 0dBm (f = 1kHz)
VCC = 9.5V
RL = 8Ω
B.P.F = 20Hz to 20kHz
VCC = 9.5V
RL = 8Ω
Rg = 600
Ω
PO = 1W
1kHz
100Hz
RL = 8Ω
Rg = 0
fr = 100Hz
VCCR = 0dBm
CVCC = 0.1μF
VCC = 9.5V
RL = 8Ω
Rg = 0
VCCR = 0dBm
CVCC = 0.1μF
Supply voltage, VCC –V
Output power, PO –W
Frequency, f – Hz
Resistance for signal generation, Rg –
Ω
Ripple frequency, fr – Hz
Frequency, f – Hz
Supply voltage, VCC –V
Supply voltage, VCC –V
12
10
8
614


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn