Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA42105 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LA42105
Description  Monolithic Linear IC Audio Output for TV application BTL 5W × 1ch Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42105 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA42105 Datasheet HTML 1Page - Sanyo Semicon Device LA42105 Datasheet HTML 2Page - Sanyo Semicon Device LA42105 Datasheet HTML 3Page - Sanyo Semicon Device LA42105 Datasheet HTML 4Page - Sanyo Semicon Device LA42105 Datasheet HTML 5Page - Sanyo Semicon Device LA42105 Datasheet HTML 6Page - Sanyo Semicon Device LA42105 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LA42105
No.A0741-5/7
Usage Notes
1. This IC includes three short circuit protection circuits : shorting to power (shorts between an output and the power
supply), shorting to ground (shorts between an output and ground), and load shorting protection circuits.
These protection circuits operate while the corresponding abnormal condition continues, and recover automatically
when the abnormal condition is resolved.
There are, however, cases where, due to IC usage conditions, one of these protection circuits may lock and continue
operating after the problem has been resolved. If this occurs, the protection circuit state can be reset by either
switching the IC to standby mode or by temporarily cutting power from the IC.
2. This IC includes a thermal protection circuit that operates if the junction temperature (Tj) rises to 160C or higher.
This circuit gradually reduces the output level.
3. If this IC is operated in the vicinity of any of its maximum ratings, even slight changes in operating conditions could
result in a maximum rating being exceeded. Since this could lead to the destruction of the IC, end product designs must
include adequate margins in the supply voltage and other parameters so that the IC is always used within ranges such
that the maximum ratings are never exceeded.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn