Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157EV30 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY62157EV30
Description  8-Mbit (512K x 16) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157EV30 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY62157EV30 Datasheet HTML 6Page - Cypress Semiconductor CY62157EV30 Datasheet HTML 7Page - Cypress Semiconductor CY62157EV30 Datasheet HTML 8Page - Cypress Semiconductor CY62157EV30 Datasheet HTML 9Page - Cypress Semiconductor CY62157EV30 Datasheet HTML 10Page - Cypress Semiconductor CY62157EV30 Datasheet HTML 11Page - Cypress Semiconductor CY62157EV30 Datasheet HTML 12Page - Cypress Semiconductor CY62157EV30 Datasheet HTML 13Page - Cypress Semiconductor CY62157EV30 Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CY62157EV30 MoBL®
Document #: 38-05445 Rev. *E
Page 10 of 14
Truth Table
CE1
CE2
WE
OE
BHE
BLE
Inputs/Outputs
Mode
Power
H
X
X
X
X
X
High-Z
Deselect/Power Down
Standby (ISB)
X
L
X
X
X
X
High-Z
Deselect/Power Down
Standby (ISB)
X
X
X
X
H
H
High-Z
Deselect/Power Down
Standby (ISB)
L
H
H
L
L
L
Data Out (IO0–IO15)
Read
Active (ICC)
L
H
H
L
H
L
Data Out (IO0–IO7);
High-Z (IO8–IO15)
Read
Active (ICC)
L
H
H
L
L
H
High-Z (IO0–IO7);
Data Out (IO8–IO15)
Read
Active (ICC)
L
H
H
H
L
H
High-Z
Output Disabled
Active (ICC)
L
H
H
H
H
L
High-Z
Output Disabled
Active (ICC)
L
H
H
H
L
L
High-Z
Output Disabled
Active (ICC)
L
H
L
X
L
L
Data In (IO0–IO15)
Write
Active (ICC)
L
H
L
X
H
L
Data In (IO0–IO7);
High-Z (IO8–IO15)
Write
Active (ICC)
L
H
L
X
L
H
High-Z (IO0–IO7);
Data In (IO8–IO15)
Write
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
45
CY62157EV30LL-45BVI
51-85150 48-ball Very Fine Pitch Ball Grid Array
Industrial
CY62157EV30LL-45BVXI
51-85150 48-ball Very Fine Pitch Ball Grid Array (Pb-free)
CY62157EV30LL-45ZSXI
51-85087 44-pin Thin Small Outline Package Type II (Pb-free)
CY62157EV30LL-45ZXI
51-85183 48-pin Thin Small Outline Package Type I (Pb-free)
45
CY62157EV30LL-45BVXA
51-85150 48-ball Very Fine Pitch Ball Grid Array (Pb-free)
Automotive-A
CY62157EV30LL-45ZSXA
51-85087 44-pin Thin Small Outline Package Type II (Pb-free)
Contact your local Cypress sales representative for availability of these parts.


Similar Part No. - CY62157EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157EV30 CYPRESS-CY62157EV30 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62157EV30LL-45BVI CYPRESS-CY62157EV30LL-45BVI Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
CY62157EV30LL-45BVI CYPRESS-CY62157EV30LL-45BVI Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62157EV30LL-45BVXA CYPRESS-CY62157EV30LL-45BVXA Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
CY62157EV30LL-45BVXA CYPRESS-CY62157EV30LL-45BVXA Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62157EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
CY62157EV30 CYPRESS-CY62157EV30_09 Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL Datasheet
314Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157E CYPRESS-CY62157E_09 Datasheet
380Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ESL CYPRESS-CY62157ESL_09 Datasheet
327Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
logo
Elite Semiconductor Mem...
M24D816512DA ESMT-M24D816512DA Datasheet
261Kb / 13P
   8-Mbit (512K x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com