Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157CV33LL-70BAXA Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62157CV33LL-70BAXA
Description  512K x 16 Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157CV33LL-70BAXA Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62157CV33LL-70BAXA Datasheet HTML 1Page - Cypress Semiconductor CY62157CV33LL-70BAXA Datasheet HTML 2Page - Cypress Semiconductor CY62157CV33LL-70BAXA Datasheet HTML 3Page - Cypress Semiconductor CY62157CV33LL-70BAXA Datasheet HTML 4Page - Cypress Semiconductor CY62157CV33LL-70BAXA Datasheet HTML 5Page - Cypress Semiconductor CY62157CV33LL-70BAXA Datasheet HTML 6Page - Cypress Semiconductor CY62157CV33LL-70BAXA Datasheet HTML 7Page - Cypress Semiconductor CY62157CV33LL-70BAXA Datasheet HTML 8Page - Cypress Semiconductor CY62157CV33LL-70BAXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CY62157CV30/33
Document #: 38-05014 Rev. *F
Page 4 of 13
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
CY62157CV33-70
Unit
Min.
Typ.[2]
Max.
VOH
Output HIGH
Voltage
IOH = –1.0 mA
VCC = 3.0V
2.4
V
VOL
Output LOW
Voltage
IOL = 2.1 mA
VCC = 3.0V
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.3V
V
VIL
Input LOW Voltage
–0.3
0.8
V
IIX
Input Leakage
Current
GND < VI < VCC
Auto-A
–1
+1
µA
Auto-E
–10
+10
µA
IOZ
Output Leakage
Current
GND < VO < VCC, Output Disabled
Auto-A
–1
+1
µA
Auto-E
–10
+10
µA
ICC
VCC Operating
Supply
Current
f = fMAX = 1/tRC
VCC = 3.6V
IOUT = 0 mA
CMOS Levels
Auto-A
5.5
12
mA
Auto-E
7
15
f = 1 MHz
Auto-A/
Auto-E
1.5
3
ISB1
Automatic CE
Power-Down
Current—CMOS
Inputs
CE1 > VCC – 0.2V or
CE2 < 0.2V
VIN > VCC – 0.2V or
VIN < 0.2V,
f = fmax (Address and Data
Only),
f = 0 (OE,WE,BHE,and BLE)
Auto-A
10
30
µA
Auto-E
10
80
µA
ISB2
Automatic CE
Power-Down
Current—CMOS
Inputs
CE1 > VCC – 0.2V or
CE2 < 0.2V
VIN > VCC – 0.2V or
VIN < 0.2V,
f = 0, VCC = 3.6V
Auto-A
10
30
µA
Auto-E
10
80
µA
Thermal Resistance[7]
Parameter
Description
Test Conditions
FBGA
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 3 x 4.5 inch, two-layer printed
circuit board
55
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
16
°C/W
Note:
7. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback
[+] Feedback


Similar Part No. - CY62157CV33LL-70BAXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157CV33LL-70BAI CYPRESS-CY62157CV33LL-70BAI Datasheet
277Kb / 13P
   512K x 16 Static RAM
More results

Similar Description - CY62157CV33LL-70BAXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157CV25 CYPRESS-CY62157CV25 Datasheet
277Kb / 13P
   512K x 16 Static RAM
CY62157CV18 CYPRESS-CY62157CV18 Datasheet
264Kb / 11P
   512K x 16 Static RAM
CY62157DV18 CYPRESS-CY62157DV18 Datasheet
160Kb / 10P
   8M (512K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33_10 Datasheet
539Kb / 12P
   512K (32K x 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_06 Datasheet
265Kb / 9P
   512K (32K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33 Datasheet
331Kb / 10P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D Datasheet
562Kb / 11P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D_10 Datasheet
543Kb / 13P
   512K (32K x 16) Static RAM
CY62157DV20 CYPRESS-CY62157DV20 Datasheet
173Kb / 10P
   8M (512K x 16) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33 Datasheet
317Kb / 10P
   16-Mbit (512K X 32) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com