Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HCU04DG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74HCU04DG4
Description  HEX INVERTERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCU04DG4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74HCU04DG4 Datasheet HTML 1Page - Texas Instruments SN74HCU04DG4 Datasheet HTML 2Page - Texas Instruments SN74HCU04DG4 Datasheet HTML 3Page - Texas Instruments SN74HCU04DG4 Datasheet HTML 4Page - Texas Instruments SN74HCU04DG4 Datasheet HTML 5Page - Texas Instruments SN74HCU04DG4 Datasheet HTML 6Page - Texas Instruments SN74HCU04DG4 Datasheet HTML 7Page - Texas Instruments SN74HCU04DG4 Datasheet HTML 8Page - Texas Instruments SN74HCU04DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN54HCU04, SN74HCU04
HEX INVERTERS
SCLS079E − MARCH 1984 − REVISED MARCH 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
logic diagram (positive logic)
AY
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
96
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
SN54HCU04
SN74HCU04
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
2
5
6
V
VCC = 2 V
1.7
1.7
VIH
High-level input voltage
VCC = 4.5 V
3.6
3.6
V
VIH
High-level input voltage
VCC = 6 V
4.8
4.8
V
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
V
VIL
Low-level input voltage
VCC = 6 V
1.8
1.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74HCU04DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCU04DG4 TI-SN74HCU04DG4 Datasheet
585Kb / 16P
[Old version datasheet]   HEX INVERTERS
SN74HCU04DG4 TI-SN74HCU04DG4 Datasheet
681Kb / 18P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN74HCU04DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com