Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157CV30LL-70BAE Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62157CV30LL-70BAE
Description  512K x 16 Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157CV30LL-70BAE Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62157CV30LL-70BAE Datasheet HTML 1Page - Cypress Semiconductor CY62157CV30LL-70BAE Datasheet HTML 2Page - Cypress Semiconductor CY62157CV30LL-70BAE Datasheet HTML 3Page - Cypress Semiconductor CY62157CV30LL-70BAE Datasheet HTML 4Page - Cypress Semiconductor CY62157CV30LL-70BAE Datasheet HTML 5Page - Cypress Semiconductor CY62157CV30LL-70BAE Datasheet HTML 6Page - Cypress Semiconductor CY62157CV30LL-70BAE Datasheet HTML 7Page - Cypress Semiconductor CY62157CV30LL-70BAE Datasheet HTML 8Page - Cypress Semiconductor CY62157CV30LL-70BAE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
512K x 16 Static RAM
CY62157CV30/33
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05014 Rev. *F
Revised August 31, 2006
Features
• Temperature Ranges
— Automotive-A: –40°C to 85°C
— Automotive-E: –40°C to 125°C
• Voltage range:
— CY62157CV30: 2.7V–3.3V
— CY62157CV33: 3.0V–3.6V
• Ultra-low active power
— Typical active current: 1.5 mA @ f = 1 MHz
— Typical active current: 5.5 mA @ f = fmax
• Low standby power
• Easy memory expansion with CE1, CE2 and OE features
• Automatic power-down when deselected
• CMOS for optimum speed/power
• Available in Pb-free and non Pb-free 48-ball FBGA
package
Functional Description[1]
The CY62157CV30/33 are high-performance CMOS static
RAMs organized as 512K words by 16 bits. These devices
feature advanced circuit design to provide ultra-low active
current. This is ideal for providing More Battery Life™
(MoBL™) in portable applications such as cellular telephones.
The devices also have an automatic power-down feature that
significantly reduces power consumption by 80% when
addresses are not toggling. The device can also be put into
standby mode reducing power consumption by more than 99%
when deselected (CE1 HIGH or CE2 LOW or both BLE and
BHE are HIGH). The input/output pins (I/O0 through I/O15) are
placed in a high-impedance state when: deselected (CE1
HIGH or CE2 LOW), outputs are disabled (OE HIGH), both
Byte High Enable and Byte Low Enable are disabled (BHE,
BLE HIGH), or during a write operation (CE1 LOW and CE2
HIGH and WE LOW).
Writing to the device is accomplished by taking Chip Enable 1
(CE1) and Write Enable (WE) inputs LOW and Chip Enable 2
(CE2) HIGH. If Byte Low Enable (BLE) is LOW, then data from
I/O pins (I/O0 through I/O7), is written into the location
specified on the address pins (A0 through A18). If Byte High
Enable (BHE) is LOW, then data from I/O pins (I/O8 through
I/O15) is written into the location specified on the address pins
(A0 through A18).
Reading from the device is accomplished by taking Chip
Enable 1 (CE1) and Output Enable (OE) LOW and Chip
Enable 2 (CE2) HIGH while forcing the Write Enable (WE)
HIGH. If Byte Low Enable (BLE) is LOW, then data from the
memory location specified by the address pins will appear on
I/O0 to I/O7. If Byte High Enable (BHE) is LOW, then data from
memory will appear on I/O8 to I/O15. See the truth table at the
back of this data sheet for a complete description of read and
write modes.
The CY62157CV30/33 are available in a 48-ball FBGA
package.
Note:
1. For best practice recommendations, please refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com.
Logic Block Diagram
512K × 16
RAM Array
I/O0–I/O7
A 8
A 7
A 6
A 5
A 2
COLUMN DECODER
DATA IN DRIVERS
OE
A 4
A 3
I/O8–I/O15
WE
BLE
BHE
A 0
A 1
A 9
A10
Power-down
Circuit
BHE
BLE
CE2
CE1
CE2
CE1
[+] Feedback
[+] Feedback


Similar Part No. - CY62157CV30LL-70BAE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157CV30LL-70BAI CYPRESS-CY62157CV30LL-70BAI Datasheet
277Kb / 13P
   512K x 16 Static RAM
More results

Similar Description - CY62157CV30LL-70BAE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157CV25 CYPRESS-CY62157CV25 Datasheet
277Kb / 13P
   512K x 16 Static RAM
CY62157CV18 CYPRESS-CY62157CV18 Datasheet
264Kb / 11P
   512K x 16 Static RAM
CY62157DV18 CYPRESS-CY62157DV18 Datasheet
160Kb / 10P
   8M (512K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33_10 Datasheet
539Kb / 12P
   512K (32K x 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_06 Datasheet
265Kb / 9P
   512K (32K x 16) Static RAM
CY7C1020DV33 CYPRESS-CY7C1020DV33 Datasheet
331Kb / 10P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D Datasheet
562Kb / 11P
   512K (32K x 16) Static RAM
CY7C1020D CYPRESS-CY7C1020D_10 Datasheet
543Kb / 13P
   512K (32K x 16) Static RAM
CY62157DV20 CYPRESS-CY62157DV20 Datasheet
173Kb / 10P
   8M (512K x 16) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33 Datasheet
317Kb / 10P
   16-Mbit (512K X 32) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com