Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148EV30LL-45BVXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY62148EV30LL-45BVXI
Description  4-Mbit (512K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148EV30LL-45BVXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY62148EV30LL-45BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62148EV30LL-45BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62148EV30LL-45BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62148EV30LL-45BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62148EV30LL-45BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62148EV30LL-45BVXI Datasheet HTML 9Page - Cypress Semiconductor CY62148EV30LL-45BVXI Datasheet HTML 10Page - Cypress Semiconductor CY62148EV30LL-45BVXI Datasheet HTML 11Page - Cypress Semiconductor CY62148EV30LL-45BVXI Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CY62148EV30 MoBL®
Document #: 38-05576 Rev. *F
Page 10 of 12
© Cypress Semiconductor Corporation, 2007. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Figure 3. 32-pin (450 MIL) Molded SOIC, 51-85081
MoBL is a registered trademark, and More Battery Life is a trademark of Cypress Semiconductor. All product and company names
mentioned in this document are the trademarks of their respective holders.
Package Diagrams (continued)
0.546[13.868]
0.440[11.176]
0.101[2.565]
0.050[1.270]
0.014[0.355]
0.118[2.997]
0.004[0.102]
0.047[1.193]
0.006[0.152]
0.023[0.584]
0.793[20.142]
0.450[11.430]
0.566[14.376]
0.111[2.819]
0.817[20.751]
BSC.
0.020[0.508]
MIN.
MAX.
0.012[0.304]
0.039[0.990]
0.063[1.600]
SEATING PLANE
1
16
17
32
0.004[0.102]
51-85081-*B
[+] Feedback
[+] Feedback


Similar Part No. - CY62148EV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148EV30LL-45BVXI CYPRESS-CY62148EV30LL-45BVXI Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY62148EV30LL-45BVXI CYPRESS-CY62148EV30LL-45BVXI Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
More results

Similar Description - CY62148EV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33 Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com