Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148BNSL-70SXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62148BNSL-70SXI
Description  4-Mbit (512K x 8) Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148BNSL-70SXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62148BNSL-70SXI Datasheet HTML 1Page - Cypress Semiconductor CY62148BNSL-70SXI Datasheet HTML 2Page - Cypress Semiconductor CY62148BNSL-70SXI Datasheet HTML 3Page - Cypress Semiconductor CY62148BNSL-70SXI Datasheet HTML 4Page - Cypress Semiconductor CY62148BNSL-70SXI Datasheet HTML 5Page - Cypress Semiconductor CY62148BNSL-70SXI Datasheet HTML 6Page - Cypress Semiconductor CY62148BNSL-70SXI Datasheet HTML 7Page - Cypress Semiconductor CY62148BNSL-70SXI Datasheet HTML 8Page - Cypress Semiconductor CY62148BNSL-70SXI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY62148BN MoBL®
Document #: 001-06517 Rev. *B
Page 4 of 9
Notes
5. Test conditions assume signal transition time of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 100-pF load capacitance.
6. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
7. tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state voltage.
8. The internal write time of the memory is defined by the overlap of CE LOW, and WE LOW. CE and WE must be LOW to initiate a write, and the transition of any
of these signals can terminate the write. The input data setup and hold timing should be referenced to the leading edge of the signal that terminates the write.
Switching Characteristics[5] Over the Operating Range
Parameter
Description
CY62148BN
Unit
Min
Max
READ CYCLE
tRC
Read Cycle Time
70
ns
tAA
Address to Data Valid
70
ns
tOHA
Data Hold from Address Change
10
ns
tACE
CE LOW to Data Valid
70
ns
tDOE
OE LOW to Data Valid
35
ns
tLZOE
OE LOW to Low Z[6]
5
ns
tHZOE
OE HIGH to High Z[6, 7]
25
ns
tLZCE
CE LOW to Low Z[6]
10
ns
tHZCE
CE HIGH to High Z[6, 7]
25
ns
tPU
CE LOW to Power Up
0
ns
tPD
CE HIGH to Power Down
70
ns
WRITE CYCLE[8]
tWC
Write Cycle Time
70
ns
tSCE
CE LOW to Write End
60
ns
tAW
Address Setup to Write End
60
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Setup to Write Start
0
ns
tPWE
WE Pulse Width
55
ns
tSD
Data Setup to Write End
30
ns
tHD
Data Hold from Write End
0
ns
tLZWE
WE HIGH to Low Z[6]
5
ns
tHZWE
WE LOW to High Z[6, 7]
25
ns
[+] Feedback
[+] Feedback


Similar Part No. - CY62148BNSL-70SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148BN CYPRESS-CY62148BN Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148BNLL CYPRESS-CY62148BNLL Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148BNLL-70SC CYPRESS-CY62148BNLL-70SC Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148BNLL-70SI CYPRESS-CY62148BNLL-70SI Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148BNLL-70SXC CYPRESS-CY62148BNLL-70SXC Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results

Similar Description - CY62148BNSL-70SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33 Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com