Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148BN Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62148BN
Description  4-Mbit (512K x 8) Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148BN Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62148BN Datasheet HTML 1Page - Cypress Semiconductor CY62148BN Datasheet HTML 2Page - Cypress Semiconductor CY62148BN Datasheet HTML 3Page - Cypress Semiconductor CY62148BN Datasheet HTML 4Page - Cypress Semiconductor CY62148BN Datasheet HTML 5Page - Cypress Semiconductor CY62148BN Datasheet HTML 6Page - Cypress Semiconductor CY62148BN Datasheet HTML 7Page - Cypress Semiconductor CY62148BN Datasheet HTML 8Page - Cypress Semiconductor CY62148BN Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY62148BN MoBL®
Document #: 001-06517 Rev. *B
Page 3 of 9
Maximum Ratings
Exceeding the maximum rating may impair the device’s useful
life. User guidelines only and are not tested.
Storage Temperature .................................–65°C to +150°C
Ambient Temperature with
Power Applied.............................................–55°C to +125°C
Supply Voltage on VCC to Relative GND........ –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State[2] .....................................–0.5V to VCC +0.5V
DC Input Voltage[2] ................................. –0.5V to VCC +0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage...............................................2001V
(per MIL-STD-883, Method 3015)
Latch Up Current ..................................................... >200 mA
Operating Range
Range
Ambient
Temperature[3]
VCC
Industrial
–40°C to +85°C
4.5V–5.5V
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
CY62148BN
Unit
Min
Typ[1]
Max
VOH
Output HIGH Voltage
IOH = –1 mA
2.4
V
VOL
Output LOW Voltage
IOL = 2.1 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC+0.3
V
VIL
Input LOW Voltage
–0.3
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–1
+1
µA
IOZ
Output Leakage Current
GND < VI < VCC, Output Disabled
–1
+1
µA
ICC
VCC Operating
Supply Current
f = fMAX = 1/tRC
IOUT = 0 mA
VCC = Max.,
12.5
20
mA
f = 1 MHz
2.5
mA
ISB1
Automatic CE Power Down
Current – TTL Inputs
Max. VCC, CE > VIH
VIN > VIH or VIN < VIL, f = fMAX
1.5
mA
ISB2
Automatic CE Power Down
Current – CMOS Inputs
Max. VCC, CE > VCC – 0.3V,
VIN > VCC – 0.3V, or VIN < 0.3V, f =0
4
20
µA
Capacitance[4]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC – 5.0V
6
pF
COUT
Output Capacitance
8
pF
AC Test Loads and Waveforms
Notes
2. VIL (min.) = –2.0V for pulse durations of less than 20 ns.
3. TA is the “instant on” case temperature
4. Tested initially and after any design or process changes that may affect these parameters.
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(b)
R2
990
Ω
(a)
90%
10%
3.0V
GND
90%
10%
≤ 3 ns
≤ 3ns
OUTPUT
639
Ω
Equivalent to:
THEVENIN EQUIVALENT
1.77V
R1 1800
Ω
ALL INPUT PULSES
5V
OUTPUT
INCLUDING
JIG AND
SCOPE
R2
990
Ω
R1 1800
Ω
100 pF
[+] Feedback
[+] Feedback


Similar Part No. - CY62148BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148BN CYPRESS-CY62148BN Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148BNLL CYPRESS-CY62148BNLL Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148BNLL-70SC CYPRESS-CY62148BNLL-70SC Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148BNLL-70SI CYPRESS-CY62148BNLL-70SI Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148BNLL-70SXC CYPRESS-CY62148BNLL-70SXC Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results

Similar Description - CY62148BN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33 Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com