Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62147DV30L-55BVXE Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62147DV30L-55BVXE
Description  4-Mbit (256K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62147DV30L-55BVXE Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62147DV30L-55BVXE Datasheet HTML 1Page - Cypress Semiconductor CY62147DV30L-55BVXE Datasheet HTML 2Page - Cypress Semiconductor CY62147DV30L-55BVXE Datasheet HTML 3Page - Cypress Semiconductor CY62147DV30L-55BVXE Datasheet HTML 4Page - Cypress Semiconductor CY62147DV30L-55BVXE Datasheet HTML 5Page - Cypress Semiconductor CY62147DV30L-55BVXE Datasheet HTML 6Page - Cypress Semiconductor CY62147DV30L-55BVXE Datasheet HTML 7Page - Cypress Semiconductor CY62147DV30L-55BVXE Datasheet HTML 8Page - Cypress Semiconductor CY62147DV30L-55BVXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY62147DV30
Document #: 38-05340 Rev. *F
Page 3 of 12
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage to Ground
Potential ......................................–0.3V to + VCC(MAX) + 0.3V
DC Voltage Applied to Outputs
in High-Z State[6,7]..........................–0.3V to VCC(MAX) + 0.3V
DC Input Voltage[6,7] ..................... –0.3V to VCC(MAX) + 0.3V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-up Current...................................................... >200 mA
Operating Range
Device
Range
Ambient
Temperature
[TA]
[9]
VCC
CY62147DV30L
Automotive-E –40°C to +125°C
2.20V
to
3.60V
CY62147DV30LL
Industrial
–40°C to +85°C
Automotive-A –40°C to +85°C
Electrical Characteristics (Over the Operating Range)
Parameter Description
Test Conditions
–45
–55/–70
Unit
Min.
Typ.[5]
Max.
Min.
Typ.[5]
Max.
VOH
Output HIGH
Voltage
IOH = –0.1 mA
VCC = 2.20V
2.0
2.0
V
IOH = –1.0 mA
VCC = 2.70V
2.4
2.4
V
VOL
Output LOW
Voltage
IOL = 0.1 mA
VCC = 2.20V
0.4
0.4
V
IOL = 2.1 mA
VCC = 2.70V
0.4
0.4
V
VIH
Input HIGH
Voltage
VCC = 2.2V to 2.7V
1.8
VCC + 0.3V 1.8
VCC + 0.3V V
VCC= 2.7V to 3.6V
2.2
VCC + 0.3V 2.2
VCC + 0.3V V
VIL
Input LOW
Voltage
VCC = 2.2V to 2.7V
–0.3
0.6
–0.3
0.6
V
VCC= 2.7V to 3.6V
–0.3
0.8
–0.3
0.8
V
IIX
Input Leakage
Current
GND < VI < VCC
Ind’l
–1
+1
–1
+1
µA
Auto-A[9]
–1
+1
µA
Auto-E[9]
–4
+4
µA
IOZ
Output
Leakage
Current
GND < VO < VCC,
Output Disabled
Ind’l
–1
+1
–1
+1
µA
Auto-A[9]
–1
+1
µA
Auto-E[9]
–4
+4
µA
ICC
VCCOperating
Supply
Current
f = fMAX = 1/tRC
VCC = VCCmax
IOUT = 0 mA
CMOS levels
10
20
8
15
mA
f = 1 MHz
1.5
3
1.5
3
mA
ISB1
Automatic CE
Power-Down
Current —
CMOS Inputs
CE > VCC−0.2V,
VIN>VCC–0.2V, VIN<0.2V)
f = fMAX (Address and
Data Only),
f = 0 (OE, WE, BHE and
BLE), VCC = 3.60V
Ind’l
LL
8
8
µA
Auto-A[9] LL
8
Auto-E[9] L25
ISB2
Automatic CE
Power-Down
Current —
CMOS Inputs
CE > VCC – 0.2V,
VIN > VCC – 0.2V or
VIN < 0.2V,
f = 0, VCC = 3.60V
Ind’l
LL
8
8
µA
Auto-A[9] LL
8
Auto-E[9] L25
Notes:
6. VIL(min.) = –2.0V for pulse durations less than 20 ns.
7. VIH(max.) = VCC + 0.75V for pulse durations less than 20 ns.
8. Full device AC operation assumes a 100-
µs ramp time from 0 to V
CC(min) and 200-µs wait time after VCC stabilization.
9. Auto-A is available in –70 and Auto-E is available in –55.
[+] Feedback
[+] Feedback


Similar Part No. - CY62147DV30L-55BVXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62147DV30L-55BVXI CYPRESS-CY62147DV30L-55BVXI Datasheet
393Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY62147DV30L-55BVXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33_08 Datasheet
432Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30 Datasheet
393Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
527Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com