Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62146EV30LL-45ZSXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62146EV30LL-45ZSXI
Description  4-Mbit (256K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62146EV30LL-45ZSXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62146EV30LL-45ZSXI Datasheet HTML 1Page - Cypress Semiconductor CY62146EV30LL-45ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY62146EV30LL-45ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY62146EV30LL-45ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY62146EV30LL-45ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62146EV30LL-45ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62146EV30LL-45ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62146EV30LL-45ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62146EV30LL-45ZSXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY62146EV30 MoBL®
Document Number: 38-05567 Rev. *H
Page 3 of 18
Pin Configurations
Figure 1. 48-ball VFBGA pinout [1, 2]
Figure 2. 44-pin TSOP II pinout [1]
WE
A11
A10
A6
A0
A3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
A7
I/O0
BHE
NC
A2
A1
BLE
I/O2
I/O1
I/O3
I/O4
I/O5 I/O6
I/O7
A15
A14
A13
A12
NC
NC
NC
3
26
5
4
1
D
E
B
A
C
F
G
H
A16
NC
VCC
VCC
VSS
A17
1
2
3
4
5
6
7
8
9
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
A5
18
17
20
19
27
28
25
26
22
21
23
24
A6
A7
A4
A3
A2
A1
A0
A15
A16
A8
A9
A10
A11
A13
A14
A12
OE
BHE
BLE
CE
WE
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
VCC
VCC
VSS
VSS
NC
10
A17
Product Portfolio
Product
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC (mA)
Standby ISB2 (A)
f = 1 MHz
f = fmax
Min
Typ [3]
Max
Typ [3]
Max
Typ [3]
Max
Typ [3]
Max
CY62146EV30LL
Industrial /
Automotive-A
2.2
3.0
3.6
45
2
2.5
15
20
1
7
Notes
1. NC pins are not connected on the die.
2. Pins H1, G2, and H6 in the BGA package are address expansion pins for 8 Mb, 16 Mb and 32 Mb, respectively.
3. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.


Similar Part No. - CY62146EV30LL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146EV30LL-45ZSXI CYPRESS-CY62146EV30LL-45ZSXI Datasheet
456Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146EV30LL-45ZSXI CYPRESS-CY62146EV30LL-45ZSXI Datasheet
557Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY62146EV30LL-45ZSXIT CYPRESS-CY62146EV30LL-45ZSXIT Datasheet
570Kb / 18P
   CY62146EV30 MoBL 4-Mbit (256 K 횞 16) Static RAM
More results

Similar Description - CY62146EV30LL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33_08 Datasheet
432Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30 Datasheet
393Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30_06 Datasheet
369Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com