Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHR4-5020D10OHMS Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # UHR4-5020D10OHMS
Description  Special Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

UHR4-5020D10OHMS Datasheet(HTML) 2 Page - Willow Technologies Ltd

  UHR4-5020D10OHMS Datasheet HTML 1Page - Willow Technologies Ltd UHR4-5020D10OHMS Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
rev.03/2006A
Derating
Temperature Coefficient
SPECIFICATIONS (continued)
UHR 4-5020D
Dimensions
SpecialResistors
-800
-600
-400
-200
0
200
400
600
800
-50
-25
0
25
50
75
100
125
-5ppm/K
+5ppm/K
Nominal ∆R/R
NominalSpread
±2.3ppm/K
NominalSpread
±2.3ppm/K
Temperature(°C)
0
20
40
60
80
100
120
50
70
90
110
130
155
Ambient Temperature (°C)
Dimension
mm
tol.
(±mm)
inches
tol.
(±inches)
A
19.50
0.2
0.77
0.008
B
50.00
0.3
1.97
0.012
C
16.50
0.2
0.65
0.008
D
28.00
0.2
1.10
0.008
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom.
+ 44 (0) 1342 835234
+ 44 (0) 1342 834306
info@willow.co.uk
http://www.willow.co.uk


Similar Part No. - UHR4-5020D10OHMS

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UHR4-5020D RIEDON-UHR4-5020D Datasheet
273Kb / 2P
   Special Resistors
More results

Similar Description - UHR4-5020D10OHMS

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
FHR4-2820H WILLOW-FHR4-2820H Datasheet
359Kb / 2P
   Special Resistors
FHR4-4026H WILLOW-FHR4-4026H Datasheet
323Kb / 2P
   Special Resistors
logo
Riedon Powertron
UHR4-5020D RIEDON-UHR4-5020D Datasheet
273Kb / 2P
   Special Resistors
logo
Willow Technologies Ltd
WPR2-TO5 WILLOW-WPR2-TO5 Datasheet
324Kb / 1P
   Special Resistors
FHR4-2036D WILLOW-FHR4-2036D Datasheet
313Kb / 2P
   Special Resistors
logo
Riedon Powertron
FHR4-4026H RIEDON-FHR4-4026H Datasheet
255Kb / 2P
   Special Resistors
FHR4-2036D RIEDON-FHR4-2036D Datasheet
244Kb / 2P
   Special Resistors
WPR2-TO5 RIEDON-WPR2-TO5 Datasheet
258Kb / 1P
   Special Resistors
CAL4-40100 RIEDON-CAL4-40100 Datasheet
254Kb / 1P
   Special Resistors
logo
Vishay Siliconix
CSPR VISHAY-CSPR Datasheet
98Kb / 2P
   Customer Special Resistors in Enclosures (CSPR), Wirewound Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com