Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL3 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # RL3
Description  ULTRA PRECISION METAL FILM RESISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

RL3 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  RL3 Datasheet HTML 1Page - Willow Technologies Ltd RL3 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Style
Height
Length
Width
Lead
Spacing
Lead
Dia.
Lead
Length
RL1
RL3
RL55
.300 Max.
(7.62)
.300 Max.
(7.62)
.380 Max.
(9.62)
.300 Max.
(7.62)
.300 Max.
(7.62)
.300 Max.
(7.62)
.100 Max.
(2.54)
.100 Max.
(2.54)
.100 Max.
(2.54)
.150
(3.81)
.150
(3.81)
.150
(3.81)
.020
(.508)
.020
(.508)
.025
(.635)
1.00±.062
(25.4±1.57)
1.00±.062
(25.4±1.57)
1.00±.062
(25.4±1.57)
Style
Temperature
Coefficient
Resistance
Range
(Ohms)
Standard
Tolerance
Wattage
@85 C
Max.
Voltage
RL1
20 PPM/ C
15 PPM/ C
10 PPM/ C
5 PPM/ C
2 PPM/ C
20 thru
500K
1%, .5%
.25%, .10%
.05%, .02%
.01%
.1W
350V
RL3
20 PPM/ C
15 PPM/ C
10 PPM/ C
5 PPM/ C
2 PPM/ C
20 thru
500K
1%, .5%
.25%, .10%
.05%, .02%
.01%
.3 W
350V
RL55
20 PPM/ C
15 PPM/ C
10 PPM/ C
5 PPM/ C
2 PPM/ C
20 thru
500K
1%, .5%
.25%, .10%
.05%, .02%
.01%
.5 W
350V
RL-SERIES
PRODUCT BULLETIN
DEDICATION TO EXCELLENCE
ULTRA PRECISION
METAL FILM RESISTORS
Radial Leads
Small Size
Low TC
High Stability
Subject to change without notice
Continued on reverse side
Specifications
Dimensions Inches (mm)
W
L
H
LS
STAND-OFF- .015 THICK X .040 DIA.
WILLOW TECHNOLOGIES LTD.
SHAWLANDS COURT, NEWCHAPEL ROAD
LINGFIELD, SURREY, RH7 6BL, ENGLAND
Tel. + 44 (0) 1342 835234 Fax. + 44 (0) 1342 834306
E-mail rob@willow.co.uk
Website http://www.willow.co.uk


Similar Part No. - RL3

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RL3 SANKEN-RL3 Datasheet
20Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
List of Unclassifed Man...
RL3 ETC-RL3 Datasheet
54Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RL3-360 ETC2-RL3-360 Datasheet
16Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
RL3-360 ETC2-RL3-360 Datasheet
16Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
RL3-380 ETC2-RL3-380 Datasheet
16Kb / 1P
   MOLDED RECTANGULAR LED MOUNT
More results

Similar Description - RL3

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MAR40 WELWYN-MAR40 Datasheet
124Kb / 2P
   Ultra Precision Metal Film Resistors
CAR WELWYN-CAR Datasheet
109Kb / 2P
   Ultra Precision Metal Film Resistors
logo
TT Electronics.
CAR TTELEC-CAR_17 Datasheet
395Kb / 3P
   Ultra Precision Metal Film Resistors
logo
Token Electronics Indus...
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
Welwyn Components Limit...
4800 WELWYN-4800 Datasheet
132Kb / 2P
   Ultra Precision Bulk Metal Film Resistors
logo
Riedon Powertron
MP55 RIEDON-MP55 Datasheet
189Kb / 2P
   Ultra Precision Molded Metal Film Resistors
logo
List of Unclassifed Man...
RG2012P-2491-B-T5 ETC-RG2012P-2491-B-T5 Datasheet
14Mb / 2P
   Metal thin film chip resistors (Ultra-precision)
logo
Welwyn Components Limit...
RCP WELWYN-RCP Datasheet
132Kb / 2P
   Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
   Precision / Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
   Precision Metal Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com