Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62138EV30 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62138EV30
Description  2-Mbit (256K x 8) MoBL짰 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138EV30 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62138EV30 Datasheet HTML 1Page - Cypress Semiconductor CY62138EV30 Datasheet HTML 2Page - Cypress Semiconductor CY62138EV30 Datasheet HTML 3Page - Cypress Semiconductor CY62138EV30 Datasheet HTML 4Page - Cypress Semiconductor CY62138EV30 Datasheet HTML 5Page - Cypress Semiconductor CY62138EV30 Datasheet HTML 6Page - Cypress Semiconductor CY62138EV30 Datasheet HTML 7Page - Cypress Semiconductor CY62138EV30 Datasheet HTML 8Page - Cypress Semiconductor CY62138EV30 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CY62138EV30
MoBL®
Document #: 38-05577 Rev. *A
Page 5 of 9
Switching Characteristics (Over the Operating Range)[9]
Parameter
Description
45 ns
Unit
Min.
Max.
Read Cycle
tRC
Read Cycle Time
45
ns
tAA
Address to Data Valid
45
ns
tOHA
Data Hold from Address Change
10
ns
tACE
CE LOW to Data Valid
45
ns
tDOE
OE LOW to Data Valid
22
ns
tLZOE
OE LOW to Low Z[10]
5ns
tHZOE
OE HIGH to High Z[10,11]
18
ns
tLZCE
CE LOW to Low Z[10]
10
ns
tHZCE
CE HIGH to High Z[10, 11]
18
ns
tPU
CE LOW to Power-up
0
ns
tPD
CE HIGH to Power-up
45
ns
Write Cycle[12]
tWC
Write Cycle Time
45
ns
tSCE
CE LOW to Write End
35
ns
tAW
Address Set-up to Write End
35
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Set-up to Write Start
0
ns
tPWE
WE Pulse Width
35
ns
tSD
Data Set-up to Write End
25
ns
tHD
Data Hold from Write End
0
ns
tHZWE
WE LOW to High Z[10, 11]
18
ns
tLZWE
WE HIGH to Low Z[10]
10
ns
Switching Waveforms
Read Cycle No. 1 (Address Transition Controlled)[13, 14]
Notes:
9. Test Conditions for all parameters other than three-state parameters assume signal transition time of 3 ns or less (1 V/ns), timing reference levels of VCC(typ)/2,
input pulse levels of 0 to VCC(typ), and output loading of the specified IOL/IOH as shown in the “AC Test Loads and Waveforms” section.
10. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
11. tHZOE, tHZCE, and tHZWE transitions are measured when the output enter a high-impedance state.
12. The internal write time of the memory is defined by the overlap of WE, CE = VIL. All signals must be ACTIVE to initiate a write and any of these signals can
terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal that terminates the write.
13. Device is continuously selected. OE, CE = VIL.
14. WE is HIGH for read cycle.
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
[+] Feedback
[+] Feedback


Similar Part No. - CY62138EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138EV30 CYPRESS-CY62138EV30 Datasheet
437Kb / 12P
   2 Mbit (256K x 8) MoBL Static RAM
CY62138EV30 CYPRESS-CY62138EV30 Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
CY62138EV30LL CYPRESS-CY62138EV30LL Datasheet
437Kb / 12P
   2 Mbit (256K x 8) MoBL Static RAM
CY62138EV30LL CYPRESS-CY62138EV30LL Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
CY62138EV30LL-45BVXI CYPRESS-CY62138EV30LL-45BVXI Datasheet
437Kb / 12P
   2 Mbit (256K x 8) MoBL Static RAM
More results

Similar Description - CY62138EV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138F CYPRESS-CY62138F_09 Datasheet
843Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com