Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVS5R4CR44 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OVS5R4CR44
Description  5-Watt SMD 6x6mm 40째 Viewing Angle
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVS5R4CR44 Datasheet(HTML) 3 Page - OPTEK Technologies

  OVS5R4CR44 Datasheet HTML 1Page - OPTEK Technologies OVS5R4CR44 Datasheet HTML 2Page - OPTEK Technologies OVS5R4CR44 Datasheet HTML 3Page - OPTEK Technologies OVS5R4CR44 Datasheet HTML 4Page - OPTEK Technologies OVS5R4CR44 Datasheet HTML 5Page - OPTEK Technologies OVS5R4CR44 Datasheet HTML 6Page - OPTEK Technologies OVS5R4CR44 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A 1/07
Page 3 of 7
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
.5-Watt SMD 6X6mm
OVS5X4CR44 Series
Dominant Wavelength (nm)
Standard Bins (I
F = 175 mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength (λD) shown. Orders may be filled with any or
all bins contained as below.
OVS5Y
Y4CR44 (YELLOW
(YELLOW)
AD
AC
585
588
594
X
Y
Z
591
11250
14000
18000
Solder Pad Design
Note: Metal core circuit board (MCPCB) is highly recommended for high density applications.


Similar Part No. - OVS5R4CR44

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVS5R4CR44 TTELEC-OVS5R4CR44 Datasheet
524Kb / 7P
   5-Watt SMD 6x6mm
More results

Similar Description - OVS5R4CR44

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVS5X4CR44 TTELEC-OVS5X4CR44 Datasheet
524Kb / 7P
   5-Watt SMD 6x6mm
logo
OPTEK Technologies
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
   5-Watt SMD 6mm White (120째 Viewing Angle)
OVS3WBCR4 OPTEK-OVS3WBCR4 Datasheet
648Kb / 9P
   3-Watt SMD 6x6mm White
logo
TT Electronics.
OVS3W TTELEC-OVS3W Datasheet
1Mb / 9P
   3-Watt SMD 6x6mm White
logo
OPTEK Technologies
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
   1-Watt SMD 6mm (120째 Viewing Angle)
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
logo
TT Electronics.
OVTL09LGAX TTELEC-OVTL09LGAX Datasheet
380Kb / 5P
   10-Watt Lednium SMD (120째 Viewing Angle)
logo
OPTEK Technologies
OVS5MBBCR4 OPTEK-OVS5MBBCR4 Datasheet
765Kb / 11P
   Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVSPW1BCR44 TTELEC-OVSPW1BCR44 Datasheet
792Kb / 11P
   1-Watt SMD 6x6mm With Dome Lens
OVLAW4CB7 TTELEC-OVLAW4CB7 Datasheet
353Kb / 6P
   White High-Intensity LED Lamp (3 mm, 40째 Viewing Angle)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com