Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPR4-14140R05D Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # FPR4-14140R05D
Description  Highest Stability Extremly Low-Ohm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

FPR4-14140R05D Datasheet(HTML) 1 Page - Willow Technologies Ltd

  FPR4-14140R05D Datasheet HTML 1Page - Willow Technologies Ltd FPR4-14140R05D Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FPR 4-1414
••••• Extremly Low-Ohm
••••• Highest Stability
••••• Low Temperature Coefficient
••••• Low Electrical Noise
••••• Low Inductance
••••• Customized Resistor Values
SPECIFICATIONS
ELECTRICAL
Resistance Range
:
0R01 ...1R
Power Rating
:
0.8 W without heatsink (70°C)
25 W
with heatsink
Thermal Resistance Rthj-c :
< 4.2 K/W
Tolerances
:
0.1%, 0.25%, 0.5%, 1%
Stability
:
0.1%, 0.2%, 0.5% (depends on stress)
Temperature Coefficient :
±10 ppm/K (20...40)°C
±15 ppm/K (20...60)°C
±50 ppm/K (-40...130)°C
Insolation Resistance
:
1.5 kVDC
Max. Current
:
20 A
Thermal EMF
:
< 1 µV/K
ENVIRONMENTAL
Operating Temperature Range
:
-40°C...130°C
MECHANICAL
Resistor Material
:
CuNiMn-Foil
Substrate
:
Al
2O3 (optional AlN)
Housing
:
Plastic / Epoxy
Connector Material
:
Cu-tinned / 4-pin
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, UK
Tel. + 44 (0) 1342 835234, Fax. + 44 (0) 1342 834306, e-mail sales@willow.co.uk web www.willow.co.uk


Similar Part No. - FPR4-14140R05D

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
FPR4-2321 WILLOW-FPR4-2321 Datasheet
181Kb / 2P
   High Stability Extremly Low-Ohm
FPR4-232110R WILLOW-FPR4-232110R Datasheet
181Kb / 2P
   High Stability Extremly Low-Ohm
FPR4-2321R022 WILLOW-FPR4-2321R022 Datasheet
181Kb / 2P
   High Stability Extremly Low-Ohm
FPR4-3316 WILLOW-FPR4-3316 Datasheet
181Kb / 2P
   High Stability Extremly Low-Ohm
logo
Riedon Powertron
FPR4-3316 RIEDON-FPR4-3316 Datasheet
358Kb / 3P
   Precision Shunt Resistors
More results

Similar Description - FPR4-14140R05D

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
FPR2-1617 WILLOW-FPR2-1617 Datasheet
229Kb / 2P
   High Stability Extremly Low-Ohm
FPR4-2321 WILLOW-FPR4-2321 Datasheet
181Kb / 2P
   High Stability Extremly Low-Ohm
FPR2-T218 WILLOW-FPR2-T218 Datasheet
291Kb / 2P
   High Stability Extremly Low-Ohm
FPR2-T220 WILLOW-FPR2-T220 Datasheet
361Kb / 3P
   Small Dimensions Extremly Low-Ohm
USR2-1410 WILLOW-USR2-1410 Datasheet
107Kb / 2P
   Highest Stability Near Temperature Independency
USR4-1414 WILLOW-USR4-1414 Datasheet
110Kb / 2P
   Highest Stability Near Temperature Independency
USR4-4020 WILLOW-USR4-4020 Datasheet
183Kb / 2P
   Highest Stability Nearly Temperature Independent
USR4-1410 WILLOW-USR4-1410 Datasheet
122Kb / 2P
   Highest Stability Near Temperature Independency
USR4-T220 WILLOW-USR4-T220 Datasheet
311Kb / 2P
   Highest Stability Near Temperature Independent
FHR2-T238 WILLOW-FHR2-T238 Datasheet
217Kb / 3P
   High Stability Extremely Low Ohm Rating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com