Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LA6245P Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA6245P
Description  Monolithic Linear IC For CD Player 4ch Bridge (BTL) Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6245P Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA6245P Datasheet HTML 2Page - Sanyo Semicon Device LA6245P Datasheet HTML 3Page - Sanyo Semicon Device LA6245P Datasheet HTML 4Page - Sanyo Semicon Device LA6245P Datasheet HTML 5Page - Sanyo Semicon Device LA6245P Datasheet HTML 6Page - Sanyo Semicon Device LA6245P Datasheet HTML 7Page - Sanyo Semicon Device LA6245P Datasheet HTML 8Page - Sanyo Semicon Device LA6245P Datasheet HTML 9Page - Sanyo Semicon Device LA6245P Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LA6245P
No.A0332-6/10
Pin Functions
Pin No.
Symbol
Pin description
Equivalent circuit
21
20
17
16
1
2
35
36
VIN1−
VIN1
VIN2−
VIN2
VIN3−
VIN3
VIN4−
VIN4
Channel 1 to 4 inputs
GNDS
VCC_S
VIN1−
VIN1
300
300
24
25
26
27
28
29
30
31
VO1+
VO1−
VO2+
VO2−
VO3+
VO3−
VO4+
VO4−
Channel 1 to 4 outputs
VO1
VCC_S
VCCP1
5k
FR
4
6
MUTE
SW
MUTE pin
SW pin
MUTE
SW
GNDS
30k
VCC_S
40k
3
VREF-IN
Reference voltage
GNDS
VCC_S
VREF-IN
300
300
Continued on next page.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LA4917H Monolithic Linear IC Audio Output for TV application High-Effciency Two-Channel 7W BTL Power Amplifier ICs 1  2  3  4  5  More Sanyo Semicon Device
LA5688H Monolithic Linear IC Multi power supply regulator+1.5ch forward/reverse motor driver 1  2  3  4  5  More Sanyo Semicon Device
AM5669 5-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
AM5668 5-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
AM5680 5-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
AM5954A 4-CHANNEL MOTOR DRIVER FOR DVD PLAYER 1  2  3  4  5  More BCD Semiconductor Manufacturing Limited
UA8888S 5-CHANNEL BTL DRIVER FOR DVD PLAYER 1  2  3  4  5  More Unisonic Technologies
NTE7064 Integrated Circuit Bridge Driver for DC Motor Control 1  2  3  NTE Electronics
CMD4506 5-CH BTL Driver for DVD Player 1  2  3  4  5  More Ceramate Technical
A3995 DMOS Dual Full Bridge PWM Motor Driver 1  2  3  4  5  More Allegro MicroSystems

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn