Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22800-116A Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY22800-116A
Description  Universal Programmable Clock Generator (UPCG)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22800-116A Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY22800-116A Datasheet HTML 1Page - Cypress Semiconductor CY22800-116A Datasheet HTML 2Page - Cypress Semiconductor CY22800-116A Datasheet HTML 3Page - Cypress Semiconductor CY22800-116A Datasheet HTML 4Page - Cypress Semiconductor CY22800-116A Datasheet HTML 5Page - Cypress Semiconductor CY22800-116A Datasheet HTML 6Page - Cypress Semiconductor CY22800-116A Datasheet HTML 7Page - Cypress Semiconductor CY22800-116A Datasheet HTML 8Page - Cypress Semiconductor CY22800-116A Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CY22800
Document #: 001-07704 Rev. *A
Page 4 of 10
CY22800-039A Spread spectrum clock generator for PCI and ASIC
XTAL/CLKIN:
14.31818
CLKA: 33.33, 66.66, 100, 133.33
(±0.25% or off)
YN
CY22800-040A Spread spectrum clock generator for PCI and ASIC
XTAL/CLKIN:
14.31818
CLKA: 33.33, 66.66, 100, 133.33
(±0.5% or off)
YN
CY22800-041A Spread spectrum clock generator for Audio / Video Applications XTAL/CLKIN: 27
CLKA: 33, 66 (spread –0.5% or off)
CLKB: 27
YN
CY22800-042A Spread spectrum clock generator for Audio / Video Applications XTAL/CLKIN: 27
CLKA: 33, 66 (spread –1.0% or off)
CLKB: 27
YN
CY22800-043A Spread spectrum clock generator for Audio / Video Applications XTAL/CLKIN: 27
CLKA: 33, 66 (spread ±0.25% or off)
CLKB: 27
YN
CY22800-044A Spread spectrum clock generator for Audio / Video Applications XTAL/CLKIN: 27
CLKA: 33, 66 (spread ±0.5% or off)
CLKB: 27
YN
CY22800-045A Spread spectrum clock generator with Multiplier option
CLKIN: 35–100
CLKA: 1x, 2x, 4x or /2 (spread –0.5%)
CLKB: REFOUT
YN
CY22800-046A Spread spectrum clock generator with Multiplier option
CLKIN: 35–100
CLKA: 1x, 2x, 4x or /2 (spread –1.0%)
CLKB: REFOUT
YN
CY22800-047A Spread spectrum clock generator with Multiplier option
CLKIN: 35–100
CLKA: 1x, 2x, 4x or /2 (spread –1.5%)
CLKB: REFOUT
YN
CY22800-048A Spread spectrum clock generator with Multiplier option
CLKIN: 35–100
CLKA: 1x, 2x, 4x or /2 (spread –2.0%)
CLKB: REFOUT
YN
CY22800-049A Spread spectrum clock generator with Multiplier option
CLKIN: 35–100
CLKA: 1x, 2x, 4x or /2 (spread –2.5%)
CLKB: REFOUT
YN
CY22800-050A Spread spectrum clock generator for PCI and ASIC
XTAL/CLKIN:
14.31818
CLKA: 33.33, 66.66, 100, 133.33
(–1.5% or off)
YN
CY22800-051A X10 Multiplier
CLKIN: 0.5–20
XTAL: 8–20
CLKA: 5–200
CLKB: REFOUT
NN
CY22800-052A X12 Multiplier
CLKIN: 0.5–16.66
XTAL: 8–16.66
CLKA: 6–200.0
CLKB: REFOUT
NN
CY22800-053A X15 Multiplier
CLKIN: 0.5–13.33
XTAL: 8–13.33
CLKA: 7.5–200
CLKB: REFOUT
NN
CY22800-054A X20 Multiplier
CLKIN: 0.5–10
XTAL: 8–10
CLKA: 10–200
CLKB: REFOUT
NN
CY22800-055A X25 Multiplier
CLKIN: 0.5–8
XTAL: 8
CLKA: 12.5–200
CLKB: REFOUT
NN
CY22800-056A 2/3 Multiplier
CLKIN: 2.5–133
XTAL: 8–30
CLKA: 1.67–88.67
CLKB: REFOUT
NN
CY22800-057A 4/3 Multiplier
CLKIN: 2–100
XTAL: 8–30
CLKA: 2.66–133.33
CLKB: REFOUT
NN
CY22800-058A 3/4 Multiplier
CLKIN: 3.5–133
XTAL: 8–30
CLKA: 2.625–99.75
CLKB: REFOUT
NN
CY22800-059A 3/2 Multiplier
CLKIN: 1.5–133
XTAL: 8–30
CLKA: 2.25–199.5
CLKB: REFOUT
NN
CY22800-060A 2/5 Multiplier
CLKIN: 5–133
XTAL: 8–30
CLKA: 2–53.2
CLKB: REFOUT
NN
CY22800-061A 3/5 Multiplier
CLKIN: 3.5–133
XTAL: 8–30
CLKA: 2.1–80
CLKB: REFOUT
NN
CY22800-062A 5/6 Multiplier
CLKIN: 3–80
XTAL: 8–30
CLKA: 2.5– 66.67
CLKB: REFOUT
NN
CY22800-063A 6/5 Multiplier
CLKIN: 2–66.67
XTAL: 8–30
CLKA: 2.4–80
CLKB: REFOUT
NN
CY22800-064A 5/8 Multiplier
CLKIN: 2.5–80
XTAL: 8–30
CLKA: 1.56–50
CLKB: REFOUT
NN
CY22800-065A 8/5 Multiplier
CLKIN: 2–50
XTAL: 8–30
CLKA: 3.2–80
CLKB: REFOUT
NN
CY22800-066A Spread spectrum clock generator for Audio / Video Applications XTAL/CLKIN: 27
CLKA: 33, 66 (spread –1.5% or off)
CLKB: 27
YN
CY22800-067A 5/4 Multiplier
CLKIN: 5–133
XTAL: 8–30
CLKA: 6–166
CLKB: REFOUT
NN
CY22800-068A 4/5 Multiplier
CLKIN: 5–33
XTAL: 8–30
CLKA: 4–106
CLKB: REFOUT
NN
CY22800-069A 66/64 Multiplier
CLKIN: 5–133
XTAL: 8–30
CLKA: 5–137
CLKB: REFOUT
NN
Table 1. CY22800 Configurations (continued)
Code #
Code name
Input Freq. (MHz)
Output Freq. (MHz)
SS
VCXO
[+] Feedback
[+] Feedback


Similar Part No. - CY22800-116A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22800FXC CYPRESS-CY22800FXC Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY22800-116A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_12 Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801 Datasheet
255Kb / 7P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
CY22801 CYPRESS-CY22801_09 Datasheet
254Kb / 7P
   Universal Programmable Clock Generator
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com