Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA5795T Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA5795T
Description  Monolithic Linear IC Tuner Power Supply Systems
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5795T Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA5795T Datasheet HTML 1Page - Sanyo Semicon Device LA5795T Datasheet HTML 2Page - Sanyo Semicon Device LA5795T Datasheet HTML 3Page - Sanyo Semicon Device LA5795T Datasheet HTML 4Page - Sanyo Semicon Device LA5795T Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LA5795T
No.A0358-2/5
Electrical Characteristics at Ta = 25
°C , VCC = 5V, GND = 0V (unless otherwise specified)
Ratings
Parameter
Symbol
Conditions
min
type
max
Unit
Current drain
IIN
IO = 1mA, VCC = 5.0V
26
31
38
mA
Output voltage
VOUT
IO = 1mA, VCC = 5.0 to 5.25V
29
31
34
V
Output voltage fluctuations
∆VOUT
IO = 1mA, VCC = 5.0 to 5.25V
1
V
Oscillator frequency
fOSC
COSC = 100pF
95
120
145
kHz
Frequency fluctuations 1
fdv
VCC = 4.5V to 5.5V
25
%
Frequency fluctuations 2
fdt
-10
°C to 80°C
25
%
Package Dimensions
unit : mm
3297
Pin Assignment
0.125
3.0
0.5
(0.5)
1
5
6
10
0.2
SANYO : MSOP10(150mil)


Similar Part No. - LA5795T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5797M SANYO-LA5797M Datasheet
60Kb / 4P
   Monolithic Linear IC For Variable Capacitance Diodes Charge Pump Step-up Power Supply
LA5797MC SANYO-LA5797MC Datasheet
221Kb / 4P
   For Variable Capacitance Diodes Charge Pump Step-up Power Supply
logo
ON Semiconductor
LA5797MC ONSEMI-LA5797MC Datasheet
188Kb / 4P
   Charge Pump Step-up Power Supply
August, 2013
More results

Similar Description - LA5795T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5694P SANYO-LV5694P Datasheet
310Kb / 13P
   Monolithic Linear IC For Car Audio Systems Multi-Power Supply System IC
LA47510 SANYO-LA47510 Datasheet
1Mb / 8P
   Monolithic Linear IC BTL (50W횞4) Power IC for Car Stereo Systems
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
LA6588MC SANYO-LA6588MC Datasheet
101Kb / 4P
   Monolithic Linear IC 24V power supply, BTL output linear drive Single-phase Fan Motor IC
LA6588M SANYO-LA6588M Datasheet
112Kb / 5P
   Monolithic Linear IC 24V power supply, BTL output linear drive Single-phase Fan Motor IC
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
LA7520N SANYO-LA7520N Datasheet
134Kb / 3P
   Monolithic Linear IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com