Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPR2-T21810RB Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # FPR2-T21810RB
Description  High Stability Extremly Low-Ohm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

FPR2-T21810RB Datasheet(HTML) 2 Page - Willow Technologies Ltd

  FPR2-T21810RB Datasheet HTML 1Page - Willow Technologies Ltd FPR2-T21810RB Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
measuring point
measuring point
0
20
40
60
80
100
120
25
50
85
100
115
130
Tem perature of the backplate (°C)
0,5%
0,1%
0,2%
%
0
50
100
150
200
250
Resistance Value (mOhm)
-7000
-6000
-5000
-4000
-3000
-2000
-1000
0
1000
2000
Tem perature (°C)
-40
-20
0
20
40
60
80
100
120
140
- 15 ppm/K
+ 15 ppm/K
Nom inal dR/R
Limit 2 (3
σ)
Limit 1 (3
σ)
FPR 2-T218
TEMPERATURE COEFFICIENT
DERATING CURVE
DIMENSIONS
lead A
lead B
Standardlead for T-218 : Lead B
Dimensions in mm
HOW TO ORDER
FPR 2-T218 10R B 0.25%
FPR 2-T218 10R0 B 1.0%
FPR 2-T218 R068 B 0.5%
FPR 2-T218 R068 A 0.5%
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, UK
Tel. + 44 (0) 1342 835234, Fax. + 44 (0) 1342 834306, e-mail sales@willow.co.uk web www.willow.co.uk


Similar Part No. - FPR2-T21810RB

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
FPR2-T218 RIEDON-FPR2-T218 Datasheet
319Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218 Datasheet
313Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218 Datasheet
210Kb / 2P
   Precision Shunt Resistors
FPR2-T2180068OHMS RIEDON-FPR2-T2180068OHMS Datasheet
313Kb / 2P
   Precision Shunt Resistors
FPR2-T218 RIEDON-FPR2-T218_13 Datasheet
313Kb / 2P
   Precision Shunt Resistors
More results

Similar Description - FPR2-T21810RB

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
FPR2-1617 WILLOW-FPR2-1617 Datasheet
229Kb / 2P
   High Stability Extremly Low-Ohm
FPR4-2321 WILLOW-FPR4-2321 Datasheet
181Kb / 2P
   High Stability Extremly Low-Ohm
FPR4-14 WILLOW-FPR4-14 Datasheet
101Kb / 2P
   Highest Stability Extremly Low-Ohm
FPR2-T220 WILLOW-FPR2-T220 Datasheet
361Kb / 3P
   Small Dimensions Extremly Low-Ohm
FHR2-T238 WILLOW-FHR2-T238 Datasheet
217Kb / 3P
   High Stability Extremely Low Ohm Rating
logo
Epson Company
TG2016SAN EPSON-TG2016SAN Datasheet
378Kb / 2P
   LOW VOLTAGE HIGH STABILITY
logo
TEMIC Semiconductors
U644B TEMIC-U644B Datasheet
202Kb / 6P
   Flasher, 18-m Shunt, Extremly Low Current Consumption
logo
TAITIEN ELECTRONICS CO....
XO-0128-X5-TYPE TAITIEN-XO-0128-X5-TYPE Datasheet
244Kb / 1P
   High stability, low temperature frequency coefficient
XO-0126-X8-TYPE TAITIEN-XO-0126-X8-TYPE Datasheet
194Kb / 1P
   High stability, low temperature frequency coefficient
XO-0129-XH-TYPE TAITIEN-XO-0129-XH-TYPE Datasheet
223Kb / 1P
   High stability, low temperature frequency coefficient
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com