Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62136FV30LL-55ZSXE Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62136FV30LL-55ZSXE
Description  2-Mbit (128K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62136FV30LL-55ZSXE Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62136FV30LL-55ZSXE Datasheet HTML 4Page - Cypress Semiconductor CY62136FV30LL-55ZSXE Datasheet HTML 5Page - Cypress Semiconductor CY62136FV30LL-55ZSXE Datasheet HTML 6Page - Cypress Semiconductor CY62136FV30LL-55ZSXE Datasheet HTML 7Page - Cypress Semiconductor CY62136FV30LL-55ZSXE Datasheet HTML 8Page - Cypress Semiconductor CY62136FV30LL-55ZSXE Datasheet HTML 9Page - Cypress Semiconductor CY62136FV30LL-55ZSXE Datasheet HTML 10Page - Cypress Semiconductor CY62136FV30LL-55ZSXE Datasheet HTML 11Page - Cypress Semiconductor CY62136FV30LL-55ZSXE Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CY62136FV30 MoBL®
Document Number: 001-08402 Rev. *D
Page 9 of 12
Truth Table
CE
WE
OE
BHE BLE
Inputs or Outputs
Mode
Power
H
XXXX
High Z
Deselect or Power Down
Standby (ISB)
X
X
X
H
H
High Z
Deselect or Power Down
Standby (ISB)
L
H
L
L
L
Data Out (IO0–IO15)Read
Active (ICC)
LH
LH
L
Data Out (IO0–IO7);
IO8–IO15 in High Z
Read
Active (ICC)
L
H
L
L
H
Data Out (IO8–IO15);
IO0–IO7 in High Z
Read
Active (ICC)
L
H
H
L
L
High Z
Output Disabled
Active (ICC)
L
H
H
H
L
High Z
Output Disabled
Active (ICC)
L
H
H
L
H
High Z
Output Disabled
Active (ICC)
L
L
X
L
L
Data In (IO0–IO15)
Write
Active (ICC)
L
L
X
H
L
Data In (IO0–IO7);
IO8–IO15 in High Z
Write
Active (ICC)
L
L
X
L
H
Data In (IO8–IO15);
IO0–IO7 in High Z
Write
Active (ICC)


Similar Part No. - CY62136FV30LL-55ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136FV30LL-55ZSXE CYPRESS-CY62136FV30LL-55ZSXE Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62136FV30LL-55ZSXE CYPRESS-CY62136FV30LL-55ZSXE Datasheet
534Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62136FV30LL-55ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com