Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA5772 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA5772
Description  Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5772 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA5772 Datasheet HTML 1Page - Sanyo Semicon Device LA5772 Datasheet HTML 2Page - Sanyo Semicon Device LA5772 Datasheet HTML 3Page - Sanyo Semicon Device LA5772 Datasheet HTML 4Page - Sanyo Semicon Device LA5772 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LA5772
No.A0719-4/5
Td =
=
= 28.2 msec
C
× V
i
1
µ × 0.62
22
µ
Tss =
=
C
× ∆VPWM × PWMduty
i
C
× 0.88 × PWMduty
22
µA
PWMduty =
= 27%
VOUT +VF
VIN - Vsat + VF
Tss =
= 10.8msec
1
µ × 0.88V × 0.27
22
µA
Description of Functional Settings
1.Start delay function
The SS pin has the internally-connected 22
µA (typ) constant-current supply. When the voltage of SS pin exceeds the
threshold voltage, the regulator starts operation. As the threshold is 0.62V(typ), the start delay time can be calculated
as follows:
ex. For setting at 1
µF
2.Soft start function
The internal PWM waveform has the voltage value as shown in the right.
If down-conversion from the voltage of VIN=20V to 5V output is to be made,
for example, the PWM-ON duty has the value as shown below.
(Note that calculation is made with Vsat=1V and VF=0.2V)
The output voltage of error amplifier, which is 5V, is the value with PWM=27%, as calculated in the above equation,
so that this voltage is determined as follows:
Ver = (
∆VPWM) × PWMduty + VPWML = 0.88V × 0.27 + 0.62V=0.86V
(
∆VPWM is the PWM amplitude value or 0.88V(typ) while VPWML is the lower limit voltage of PWM
waveform or 0.62V(typ))
SS pin and error amplifier output voltages are designed to prefer the lower voltages, so that VOUT will reach the
designed regulation voltage in timing when the SS pin voltage exceeds the error amplifier output. Therefore, the soft
strt time is calculated as follows:
For the set conditions of C=1
µF and PWMduty=27%:
1.5V
0.62V
PWM wave


Similar Part No. - LA5772

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5771 SANYO-LA5771 Datasheet
66Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5771MP SANYO-LA5771MP Datasheet
76Kb / 5P
   Separately-excited Step-down Switching Regulator (3.3V)
LA5771MP SANYO-LA5771MP Datasheet
68Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
logo
ON Semiconductor
LA5771MP ONSEMI-LA5771MP Datasheet
63Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
LA5771MP SANYO-LA5771MP_12 Datasheet
68Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
More results

Similar Description - LA5772

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5752MP SANYO-LA5752MP Datasheet
65Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5777 SANYO-LA5777 Datasheet
62Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5777MP SANYO-LA5777MP Datasheet
125Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5752 SANYO-LA5752 Datasheet
67Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (5V)
LA5751MP SANYO-LA5751MP Datasheet
65Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5753 SANYO-LA5753 Datasheet
67Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (12V)
LA5751 SANYO-LA5751 Datasheet
67Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5771MP SANYO-LA5771MP_12 Datasheet
68Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
LA5753MP SANYO-LA5753MP Datasheet
65Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (12V)
LA5771 SANYO-LA5771 Datasheet
66Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (3.3V)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com