Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA5735M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA5735M
Description  Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5735M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA5735M Datasheet HTML 1Page - Sanyo Semicon Device LA5735M Datasheet HTML 2Page - Sanyo Semicon Device LA5735M Datasheet HTML 3Page - Sanyo Semicon Device LA5735M Datasheet HTML 4Page - Sanyo Semicon Device LA5735M Datasheet HTML 5Page - Sanyo Semicon Device LA5735M Datasheet HTML 6Page - Sanyo Semicon Device LA5735M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LA5735M
No.A0588-2/7
Electrical Characteristics at Ta
= 25°C, VIN = 15V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reference voltage
VOS
IO = 0.3A
1.20
1.23
1.26
V
Reference pin bias current
IFB
1
2
µA
Switching frequency
fosc
240
300
360
kHz
Short-circuit protection circuit
operating switching frequency
fscp
15
kHz
Saturation voltage
Vsat
IOUT = 0.3A, VOS = 0V
1
1.15
V
Maximum on duty
D max
VOS = 0V
100
%
Minimum on duty
D min
VOS = 5V
0
%
Output leakage current
Ilk
VIN = 30V,SWOUT = -0.4V
200
µA
Supply current
Iin
VOS = 2V
5
10
mA
Current limiter operating voltage
IS
0.7
A
Thermal shutdown operating
temperature
TSD
Designed target value. *
165
°C
Thermal shutdown Hysteresis
width
∆TSD
Designed target value. *
15
°C
* Design target value : Design guarantee values are replaced with electrical measurements, and are not measured by temperature.
Package Dimensions
unit : mm (typ)
3032D
SANYO : MFP8(225mil)
14
85
5.0
0.15
0.35
1.27
(0.65)
Ambient temperature, Ta – °C
Pd max -- Ta
0
0.2
0.4
0.6
0.8
1
--30--20
0
20
40
60
0.16
140
80
100
120
Mounted on a board
Designated board : 114.3
×76.1×1.6mm3
glass epoxy


Similar Part No. - LA5735M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5735M SANYO-LA5735M Datasheet
96Kb / 7P
   Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5735M-TE-L-E SANYO-LA5735M-TE-L-E Datasheet
96Kb / 7P
   Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5735MC SANYO-LA5735MC Datasheet
110Kb / 6P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator(Variable Type)
logo
ON Semiconductor
LA5735MC ONSEMI-LA5735MC Datasheet
78Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
More results

Similar Description - LA5735M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5754MP SANYO-LA5754MP Datasheet
66Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5724M SANYO-LA5724M Datasheet
72Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5759 SANYO-LA5759 Datasheet
132Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5774MP SANYO-LA5774MP Datasheet
176Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5744MP SANYO-LA5744MP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5744TP SANYO-LA5744TP Datasheet
74Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5779MP SANYO-LA5779MP Datasheet
222Kb / 4P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
LA5735MC SANYO-LA5735MC Datasheet
110Kb / 6P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator(Variable Type)
LA5744 SANYO-LA5744 Datasheet
76Kb / 5P
   Monolithic Linear IC Separately-Excited Step-Down Switching Regulator (Variable Type)
LA5774 SANYO-LA5774 Datasheet
69Kb / 5P
   Monolithic Linear IC Separately-excited Step-down Switching Regulator (Variable Type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com