Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128BNLL-70SI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62128BNLL-70SI
Description  1-Mbit (128K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128BNLL-70SI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62128BNLL-70SI Datasheet HTML 1Page - Cypress Semiconductor CY62128BNLL-70SI Datasheet HTML 2Page - Cypress Semiconductor CY62128BNLL-70SI Datasheet HTML 3Page - Cypress Semiconductor CY62128BNLL-70SI Datasheet HTML 4Page - Cypress Semiconductor CY62128BNLL-70SI Datasheet HTML 5Page - Cypress Semiconductor CY62128BNLL-70SI Datasheet HTML 6Page - Cypress Semiconductor CY62128BNLL-70SI Datasheet HTML 7Page - Cypress Semiconductor CY62128BNLL-70SI Datasheet HTML 8Page - Cypress Semiconductor CY62128BNLL-70SI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY62128BN
MoBL®
Document #: 001-06498 Rev. *A
Page 4 of 12
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
9pF
COUT
Output Capacitance
9
pF
Thermal Resistance[5]
Parameter
Description
Test Conditions
32 SOIC
32 STSOP
32 TSOP
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test
methods and procedures for measuring
thermal impedance, per EIA / JESD51.
66.17
105.14
97.44
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
30.87
14.09
26.05
°C/W
AC Test Loads and Waveforms
90%
10%
VCC
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
100 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
R1 1800
R1 1800
R2
990
R2
990
639
Equivalent to:
THÉVENIN EQUIVALENT
1.77V
Rise TIme:
1 V/ns
Fall TIme:
1 V/ns
Data Retention Waveform
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions[6]
Min.
Typ.
Max.
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
VCC = VDR = 2.0V,
CE1 ≥ VCC – 0.3V, or CE2 ≤ 0.3V,
VIN ≥ VCC – 0.3V or, VIN ≤ 0.3V
Commercial/
Industrial
Automotive-A
1.5
15
µA
Automotive-E
1.5
25
µA
tCDR
Chip Deselect to Data
Retention Time
0ns
tR
Operation Recovery Time
70
ns
Note:
5. Tested initially and after any design or process changes that may affect these parameters.
6. No input may exceed VCC + 0.5V.
VCC, min.
VCC, min.
tCDR
VDR > 2V
tR
CE1
VCC
CE2
or
DATA RETENTION MODE
[+] Feedback
[+] Feedback


Similar Part No. - CY62128BNLL-70SI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128BNLL-70SI CYPRESS-CY62128BNLL-70SI Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY62128BNLL-70SI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128E CYPRESS-CY62128E Datasheet
949Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33_10 Datasheet
535Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
   1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_10 Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33 Datasheet
268Kb / 9P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com