Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62127DV30L Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62127DV30L
Description  1-Mb (64K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62127DV30L Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62127DV30L Datasheet HTML 1Page - Cypress Semiconductor CY62127DV30L Datasheet HTML 2Page - Cypress Semiconductor CY62127DV30L Datasheet HTML 3Page - Cypress Semiconductor CY62127DV30L Datasheet HTML 4Page - Cypress Semiconductor CY62127DV30L Datasheet HTML 5Page - Cypress Semiconductor CY62127DV30L Datasheet HTML 6Page - Cypress Semiconductor CY62127DV30L Datasheet HTML 7Page - Cypress Semiconductor CY62127DV30L Datasheet HTML 8Page - Cypress Semiconductor CY62127DV30L Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY62127DV30
Document #: 38-05229 Rev. *H
Page 4 of 11
Data Retention Waveform[10]
Notes:
8. Test condition for the 45-ns part is a load capacitance of 30 pF.
9. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 200 µs.
10. BHE.BLE is the AND of both BHE and BLE. Chip can be deselected by either disabling the Chip Enable signals or by disabling both.
Thermal Resistance[7]
Parameter
Description
Test Conditions
FBGA
TSOP II
Unit
θ
JA
Thermal Resistance (Junction to Ambient)
Still Air, soldered on a 3 x 4.5 inch,
two-layer printed circuit board
55
76
°C/W
θ
JC
Thermal Resistance (Junction to Case)
12
11
°C/W
AC Test Loads and Waveforms[8]
Parameters
2.5V (2.2V - 2.7V)
3.0V (2.7V - 3.6V)
Unit
R1
16600
1103
R2
15400
1554
RTH
8000
645
VTH
1.20
1.75
V
Data Retention Characteristics
Parameter
Description
Conditions
Min.
Typ.[4]
Max.
Unit
VDR
VCC for Data Retention
1.5
V
ICCDR
Data Retention Current
VCC=1.5V, CE > VCC − 0.2V,
VIN > VCC − 0.2V or VIN < 0.2V
L
Ind’l
4
µA
L
Auto
10
LL
Ind’l
3
tCDR
[7]
Chip Deselect to Data
Retention Time
0
ns
tR
[9]
Operation Recovery Time
200
µs
VCC
VCC
OUTPUT
R2
50 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to:
EQUIVALENT
ALL INPUT PULSES
RTH
R1
THEVENIN
tCDR
VDR > 1.5V
DATA RETENTION MODE
tR
CE or
VCC
BHE. BLE
V
CC(min.)
V CC(min.)
tCDR
VDR > 1.5V
DATA RETENTION MODE
tR
CE or
VCC
BHE. BLE
V
CC(min.)
V CC(min.)
[+] Feedback
[+] Feedback


Similar Part No. - CY62127DV30L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV30L CYPRESS-CY62127DV30L Datasheet
384Kb / 12P
   1 Mb (64K x 16) Static RAM
CY62127DV30L-55BVI CYPRESS-CY62127DV30L-55BVI Datasheet
384Kb / 12P
   1 Mb (64K x 16) Static RAM
CY62127DV30L-55BVXE CYPRESS-CY62127DV30L-55BVXE Datasheet
554Kb / 11P
   1-Mb (64K x 16) Static RAM
CY62127DV30L-55ZSI CYPRESS-CY62127DV30L-55ZSI Datasheet
384Kb / 12P
   1 Mb (64K x 16) Static RAM
CY62127DV30L-55ZSXE CYPRESS-CY62127DV30L-55ZSXE Datasheet
554Kb / 11P
   1-Mb (64K x 16) Static RAM
More results

Similar Description - CY62127DV30L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV30 CYPRESS-CY62127DV30 Datasheet
384Kb / 12P
   1 Mb (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18_05 Datasheet
223Kb / 11P
   1 Mb (64K x 16) Static RAM
CY62127DV30 CYPRESS-CY62127DV30_09 Datasheet
554Kb / 11P
   1-Mb (64K x 16) Static RAM
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30_06 Datasheet
365Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_05 Datasheet
183Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33_10 Datasheet
576Kb / 13P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com