Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128ELL-45ZAXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62128ELL-45ZAXI
Description  1-Mbit (128K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128ELL-45ZAXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62128ELL-45ZAXI Datasheet HTML 1Page - Cypress Semiconductor CY62128ELL-45ZAXI Datasheet HTML 2Page - Cypress Semiconductor CY62128ELL-45ZAXI Datasheet HTML 3Page - Cypress Semiconductor CY62128ELL-45ZAXI Datasheet HTML 4Page - Cypress Semiconductor CY62128ELL-45ZAXI Datasheet HTML 5Page - Cypress Semiconductor CY62128ELL-45ZAXI Datasheet HTML 6Page - Cypress Semiconductor CY62128ELL-45ZAXI Datasheet HTML 7Page - Cypress Semiconductor CY62128ELL-45ZAXI Datasheet HTML 8Page - Cypress Semiconductor CY62128ELL-45ZAXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document #: 38-05485 Rev. *E
Page 3 of 11
CY62128E MoBL®
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage to Ground
Potential...............................–0.5V to 6.0V (VCC(max) + 0.5V)
DC Voltage Applied to Outputs
in High-Z State[5, 6]...............–0.5V to 6.0V (VCC(max) + 0.5V)
DC Input Voltage[5, 6] ...........–0.5V to 6.0V (VCC(max) + 0.5V)
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... > 2001V
(MIL-STD-883, Method 3015)
Latch up Current..................................................... > 200 mA
Operating Range
Device
Range
Ambient
Temperature
VCC[7]
CY62128ELL Ind’l/Auto-A
–40°C to +85°C 4.5V to 5.5V
Auto-E
–40°C to +125°C
Electrical Characteristics (Over the Operating Range)
Parameter
Description
Test Conditions
45 ns (Ind’l/Auto-A)
55 ns (Auto-E)
Unit
Min
Typ[3]
Max
Min
Typ[3]
Max
VOH
Output HIGH
Voltage
IOH = –1 mA
2.4
2.4
V
VOL
Output LOW
Voltage
IOL = 2.1 mA
0.4
0.4
V
VIH
Input HIGH Voltage VCC = 4.5V to 5.5V
2.2
VCC + 0.5 2.2
VCC + 0.5 V
VIL
Input LOW voltage VCC = 4.5V to 5.5V
–0.5
0.8
–0.5
0.8
V
IIX
Input Leakage
Current
GND < VI < VCC
–1
+1
–4
+4
µA
IOZ
Output Leakage
Current
GND < VO< VCC, Output Disabled –1
+1
–4
+4
µA
ICC
VCC Operating
Supply Current
f = fmax = 1/tRC VCC = VCC(max)
IOUT = 0 mA
CMOS levels
11
16
11
35
mA
f = 1 MHz
1.3
2
1.3
4
ISB2 [8]
Automatic CE
Power down
Current—CMOS
Inputs
CE1 > VCC – 0.2V or CE2 < 0.2V,
VIN > VCC – 0.2V or VIN < 0.2V,
f = 0, VCC = VCC(max)
14
1
30
µA
Capacitance (For all Packages) [9]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ)
10
pF
COUT
Output Capacitance
10
pF
Notes
5. VIL(min) = –2.0V for pulse durations less than 20 ns.
6. VIH(max) = VCC + 0.75V for pulse durations less than 20 ns.
7. Full device AC operation assumes a 100
µs ramp time from 0 to VCC(min) and 200 µs wait time after VCC stabilization.
8. Only chip enables (CE1 and CE2) must be at CMOS level to meet the ISB2 / ICCDR spec. Other inputs can be left floating.
9. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback
[+] Feedback


Similar Part No. - CY62128ELL-45ZAXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128ELL-45ZAXI CYPRESS-CY62128ELL-45ZAXI Datasheet
857Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128ELL-45ZAXI CYPRESS-CY62128ELL-45ZAXI Datasheet
970Kb / 19P
   1-Mbit (128 K x 8) Static RAM
More results

Similar Description - CY62128ELL-45ZAXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33_10 Datasheet
535Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_10 Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33 Datasheet
268Kb / 9P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com