Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128ELL Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62128ELL
Description  1-Mbit (128K x 8) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128ELL Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62128ELL Datasheet HTML 3Page - Cypress Semiconductor CY62128ELL Datasheet HTML 4Page - Cypress Semiconductor CY62128ELL Datasheet HTML 5Page - Cypress Semiconductor CY62128ELL Datasheet HTML 6Page - Cypress Semiconductor CY62128ELL Datasheet HTML 7Page - Cypress Semiconductor CY62128ELL Datasheet HTML 8Page - Cypress Semiconductor CY62128ELL Datasheet HTML 9Page - Cypress Semiconductor CY62128ELL Datasheet HTML 10Page - Cypress Semiconductor CY62128ELL Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Document #: 38-05485 Rev. *E
Page 11 of 11
CY62128E MoBL®
Document History Page
Document Title: CY62128E MoBL® 1-Mbit (128K x 8) Static RAM
Document Number: 38-05485
REV.
ECN NO. Issue Date Orig. of
Change
Description of Change
**
203120
See ECN
AJU
New data sheet
*A
299472
See ECN
SYT
Converted from Advance Information to Preliminary
Changed tOHA from 6 ns to 10 ns for both 35 ns and 45 ns, respectively
Changed tDOE from 15 ns to 18 ns for 35 ns speed bin
Changed tHZOE, tHZWE from 12 and 15 ns to 15 and 18 ns for the 35 and 45 ns
speed bins, respectively
Changed tHZCE from 12 and 15 ns to 18 and 22 ns for the 35 and 45 ns speed bins,
respectively
Changed tSCE from 25 and 40 ns to 30 and 35 ns for the 35 and 45 ns speed bins,
respectively
Changed tSD from 15 and 20 ns to 18 and 22 ns for the 35 and 45 ns speed bins,
respectively
Added Pb-free package information
Added footnote #9
Changed operating range for SOIC package from Commercial to Industrial
Modified signal transition time from 5 ns to 3 ns in footnote #11
Changed max of ISB1, ISB2 and ICCDR from 1.0 µA to 1.5 µA
*B
461631
See ECN
NXR
Converted from Preliminary to Final
Included Automotive Range and 55 ns speed bin
Removed 35 ns speed bin
Removed “L” version of CY62128E
Removed Reverse TSOP I package from Product offering
Changed ICC (Typ) from 8 mA to 11 mA and ICC (max) from 12 mA to 16 mA for f = fmax
Changed ICC (max) from 1.5 mA to 2.0 mA for f = 1 MHz
Removed ISB1 DC Specs from Electrical characteristics table
Changed ISB2 (max) from 1.5 µA to 4 µA
Changed ISB2 (Typ) from 0.5 µA to 1 µA
Changed ICCDR (max) from 1.5 µA to 4 µA
Changed the AC Test load Capacitance value from 100 pF to 30 pF
Changed tLZOE from 3 to 5 ns
Changed tLZCE from 6 to 10 ns
Changed tHZCE from 22 to 18 ns
Changed tPWE from 30 to 35 ns
Changed tSD from 22 to 25 ns
Changed tLZWE from 6 to 10 ns
Updated the Ordering Information Table
*C
464721
See ECN
NXR
Updated the Block Diagram on page # 1
*D
563144
See ECN
AJU
Added footnote 4 on page 2
*E
1024520
See ECN
VKN
Added Automotive-A information
Converted Automotive-E specs to final
Added footnote #9 related to ISB2 and ICCDR
Updated Ordering Information table
[+] Feedback
[+] Feedback


Similar Part No. - CY62128ELL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128ELL-45SXA CYPRESS-CY62128ELL-45SXA Datasheet
857Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128ELL-45SXA CYPRESS-CY62128ELL-45SXA Datasheet
970Kb / 19P
   1-Mbit (128 K x 8) Static RAM
CY62128ELL-45SXI CYPRESS-CY62128ELL-45SXI Datasheet
857Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128ELL-45SXI CYPRESS-CY62128ELL-45SXI Datasheet
970Kb / 19P
   1-Mbit (128 K x 8) Static RAM
CY62128ELL-45ZAXI CYPRESS-CY62128ELL-45ZAXI Datasheet
857Kb / 12P
   1-Mbit (128K x 8) Static RAM
More results

Similar Description - CY62128ELL

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D Datasheet
343Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_09 Datasheet
600Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1019DV33 CYPRESS-CY7C1019DV33_10 Datasheet
535Kb / 13P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33_10 Datasheet
476Kb / 10P
   1-Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN Datasheet
595Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30_09 Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
CY62128BN CYPRESS-CY62128BN_10 Datasheet
763Kb / 12P
   1-Mbit (128K x 8) Static RAM
CY7C1018DV33 CYPRESS-CY7C1018DV33 Datasheet
268Kb / 9P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com