Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62127DV30LL-55BVXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62127DV30LL-55BVXI
Description  1-Mb (64K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62127DV30LL-55BVXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62127DV30LL-55BVXI Datasheet HTML 3Page - Cypress Semiconductor CY62127DV30LL-55BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62127DV30LL-55BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62127DV30LL-55BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62127DV30LL-55BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62127DV30LL-55BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62127DV30LL-55BVXI Datasheet HTML 9Page - Cypress Semiconductor CY62127DV30LL-55BVXI Datasheet HTML 10Page - Cypress Semiconductor CY62127DV30LL-55BVXI Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY62127DV30
Document #: 38-05229 Rev. *H
Page 9 of 11
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
45
CY62127DV30LL-45BVXI
51-85150 48-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm) (Pb-Free)
Industrial
CY62127DV30LL-45ZXI
51-85087 44-lead TSOP Type II (Pb-Free)
55
CY62127DV30LL-55BVI
51-85150 48-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm)
Industrial
CY62127DV30LL-55BVXI
51-85150 48-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm) (Pb-Free)
CY62127DV30LL-55ZI
51-85087 44-lead TSOP Type II
CY62127DV30L-55ZXI
51-85087 44-lead TSOP Type II (Pb-Free)
CY62127DV30LL-55ZXI
51-85087 44-lead TSOP Type II (Pb-Free)
CY62127DV30L-55BVXE
51-85150 48-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm) (Pb-Free)
Automotive
CY62127DV30L-55ZSXE
51-85087 44-lead TSOP Type II (Pb-Free)
70
CY62127DV30L-70BVI
51-85150 48-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm)
Industrial
CY62127DV30LL-70BVXI
51-85150 48-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm) (Pb-Free)
CY62127DV30L-70ZI
51-85087 44-lead TSOP Type II
CY62127DV30LL-70ZXI
51-85087 44-lead TSOP Type II (Pb-Free)
Please contact your local Cypress sales representative for availability of these parts
Package Diagrams
A
1
A1 CORNER
0.75
Ø0.30±0.05(48X)
Ø0.25 M C A B
Ø0.05 M C
B
A
0.15(4X)
C
SEATING PLANE
A1 CORNER
TOP VIEW
BOTTOM VIEW
2
3
4
3.75
B
C
D
E
F
G
H
65
46
5
23
1
D
H
F
G
E
C
B
A
6.00±0.10
A
6.00±0.10
B
1.875
48-ball VFBGA (6 x 8 x 1 mm) (51-85150)
51-85150-*D
[+] Feedback
[+] Feedback


Similar Part No. - CY62127DV30LL-55BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV30LL-55BVXI CYPRESS-CY62127DV30LL-55BVXI Datasheet
384Kb / 12P
   1 Mb (64K x 16) Static RAM
CY62127DV30LL-55BVXI CYPRESS-CY62127DV30LL-55BVXI Datasheet
554Kb / 11P
   1-Mb (64K x 16) Static RAM
More results

Similar Description - CY62127DV30LL-55BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV30 CYPRESS-CY62127DV30 Datasheet
384Kb / 12P
   1 Mb (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18_05 Datasheet
223Kb / 11P
   1 Mb (64K x 16) Static RAM
CY62127DV30 CYPRESS-CY62127DV30_09 Datasheet
554Kb / 11P
   1-Mb (64K x 16) Static RAM
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30_06 Datasheet
365Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_05 Datasheet
183Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33_10 Datasheet
576Kb / 13P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com