Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22393ZXC-XXX Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY22393ZXC-XXX
Description  Three-PLL Serial-Programmable Flash-Programmable Clock Generator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22393ZXC-XXX Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY22393ZXC-XXX Datasheet HTML 4Page - Cypress Semiconductor CY22393ZXC-XXX Datasheet HTML 5Page - Cypress Semiconductor CY22393ZXC-XXX Datasheet HTML 6Page - Cypress Semiconductor CY22393ZXC-XXX Datasheet HTML 7Page - Cypress Semiconductor CY22393ZXC-XXX Datasheet HTML 8Page - Cypress Semiconductor CY22393ZXC-XXX Datasheet HTML 9Page - Cypress Semiconductor CY22393ZXC-XXX Datasheet HTML 10Page - Cypress Semiconductor CY22393ZXC-XXX Datasheet HTML 11Page - Cypress Semiconductor CY22393ZXC-XXX Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CY22395
CY22394
Document #: 38-07186 Rev. *C
Page 8 of 17
CY22393
I2C Serial Programming Protocol and Timing
The CY22393, CY22394 and CY22395 have an I2C 2-wire
serial interface for in-system programming. They use the
SDAT and SCLK pins, and operate up to 400 kbit/s in Read or
Write mode. The basic Write serial format is as follows:
Start Bit; 7-bit Device Address (DA); R/W Bit; Slave Clock
Acknowledge (ACK); 8-bit Memory Address (MA); ACK; 8-bit
Data; ACK; 8-bit Data in MA+1 if desired; ACK; 8-bit Data in
MA+2; ACK; etc. until STOP Bit. The basic serial format is
illustrated in Figure 2 on page 10.
Default Startup Condition for the CY22393/94/95
The default (programmed) condition of each device is
generally set by the distributor, who programs the device using
a customer specified JEDEC file produced by CyClocksRT,
Cypress’s proprietary development software. Parts shipped by
the factory are blank and unprogrammed. In this condition, all
bits are set to 0, all outputs are tri-stated, and the crystal oscil-
lator circuit is active.
While users can develop their own subroutine to program any
or all of the individual registers as described in the following
pages, it may be easier to simply use CyClocksRT to produce
the required register setting file.
Device Address
The device address is a 7-bit value that is configured during
Field
Programming.
By
programming
different
device
addresses, two or more parts are connected to the serial
interface and can be independently controlled. The device
address is combined with a read/write bit as the LSB and is
sent after each start bit.
The default serial interface address is 69H, but should there
be a conflict with any other devices in your system, this can
also be changed using CyClocksRT.
Data Valid
Data is valid when the clock is HIGH, and can only be transi-
tioned when the clock is LOW as illustrated in Figure 3 on page
10.
Data Frame
Every new data frame is indicated by a start and stop
sequence, as illustrated in Figure 4 on page 11.
Addr S2 (1,0)
b7
b6b5b4b3b2b1b0
40H
000
PLL1_Q[7:0]
41H
PLL1_P[7:0]
42H
DivSel
PLL1_En
PLL1_LF[2:0]
PLL1_PO
PLL1_P[9:8]
43H
001
PLL1_Q[7:0]
44H
PLL1_P[7:0]
45H
DivSel
PLL1_En
PLL1_LF[2:0]
PLL1_PO
PLL1_P[9:8]
46H
010
PLL1_Q[7:0]
47H
PLL1_P[7:0]
48H
DivSel
PLL1_En
PLL1_LF[2:0]
PLL1_PO
PLL1_P[9:8]
49H
011
PLL1_Q[7:0]
4AH
PLL1_P[7:0]
4BH
DivSel
PLL1_En
PLL1_LF[2:0]
PLL1_PO
PLL1_P[9:8]
4CH
100
PLL1_Q[7:0]
4DH
PLL1_P[7:0]
4EH
DivSel
PLL1_En
PLL1_LF[2:0]
PLL1_PO
PLL1_P[9:8]
4FH
101
PLL1_Q[7:0]
50H
PLL1_P[7:0]
51H
DivSel
PLL1_En
PLL1_LF[2:0]
PLL1_PO
PLL1_P[9:8]
52H
110
PLL1_Q[7:0]
53H
PLL1_P[7:0]
54H
DivSel
PLL1_En
PLL1_LF[2:0]
PLL1_PO
PLL1_P[9:8]
55H
111
PLL1_Q[7:0]
56H
PLL1_P[7:0]
57H
DivSel
PLL1_En
PLL1_LF[2:0]
PLL1_PO
PLL1_P[9:8]
[+] Feedback
[+] Feedback


Similar Part No. - CY22393ZXC-XXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22393ZXC-XXX CYPRESS-CY22393ZXC-XXX Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22393ZXC-XXXT CYPRESS-CY22393ZXC-XXXT Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
More results

Similar Description - CY22393ZXC-XXX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22393 CYPRESS-CY22393_09 Datasheet
418Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22395 CYPRESS-CY22395 Datasheet
512Kb / 19P
   Three-PLL Serial-Programmable Flash-Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com