Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29940AXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY29940AXI
Description  2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29940AXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY29940AXI Datasheet HTML 1Page - Cypress Semiconductor CY29940AXI Datasheet HTML 2Page - Cypress Semiconductor CY29940AXI Datasheet HTML 3Page - Cypress Semiconductor CY29940AXI Datasheet HTML 4Page - Cypress Semiconductor CY29940AXI Datasheet HTML 5Page - Cypress Semiconductor CY29940AXI Datasheet HTML 6Page - Cypress Semiconductor CY29940AXI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CY29940
Document #: 38-07283 Rev. *C
Page 3 of 7
Notes:
8.
Parameters are guaranteed by design and characterization. Not 100% tested in production. All parameters specified with loaded outputs.
9.
Across temperature and voltage ranges, includes output skew.
10. For a specific temperature and voltage, includes output skew
11. Parameters tested @ 150 MHz.
AC Parameters[8]: VDD = 3.3V ±5% or 2.5V ±5%, VDDC = 3.3V ±5% or 2.5V ±5%, TA = –40°C to +85°C
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit.
Fmax
Input Frequency
200
MHz
tPD
PECL_CLK to Q Delay[5, 6, 11]
</=150 MHz
VDD = 3.3V
85°C
tPHL
2.0
3.2
ns
tPLH
2.1
3.4
VDD = 3.3V
70°C
tPHL
1.9
3.1
tPLH
2.0
3.2
VDD = 2.5V
85°C
tPHL
2.5
5.2
tPLH
2.6
5
VDD = 2.5V
70°C
tPHL
2.5
5
tPLH
2.6
5
tPD
LVCMOS to Q Delay[5, 6, 11]
</=150 MHz
VDD = 3.3V
85°C
tPHL
1.9
3
ns
tPLH
2.0
3.2
VDD = 3.3V
70°C
tPHL
1.8
2.9
tPLH
1.8
3.1
VDD = 2.5V
85°C
tPHL
2.5
4
tPLH
2.5
4
VDD = 2.5V
70°C
tPHL
2.3
3.8
tPLH
2.3
3.8
tJ
Total Jitter
VDD = 3.3V @ 150MHz
10
ps
FoutDC
Output Duty Cycle[5, 6, 7]
FCLK < 134 MHz
55
%
FCLK > 134 MHz
60
Tskew
Output-to-Output Skew[5, 6]
VDD = 3.3V
60
150
ps
VDD = 2.5V
200
Tskew(pp)
Part-to-Part Skew[9]
PECL, VDDC = 3.3V
1.4
ns
PECL, VDDC = 2.5V
2.2
Tskew(pp)
Part-to-Part Skew[9]
TCLK, VDDC = 3.3V
1.2
ns
TCLK, VDDC = 2.5V
1.7
Tskew(pp)
Part to Part Skew[10]
PECL_CLK
850
ps
TCLK
750
tR/tF
Output Clocks Rise/Fall Time[5, 6] 0.7V to 2.0V,
VDDC = 3.3V
0.3
1.1
ns
0.5V to 1.8V,
VDDC = 2.5V
0.3
1.2
[+] Feedback
[+] Feedback


Similar Part No. - CY29940AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29940AXI CYPRESS-CY29940AXI Datasheet
392Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
CY29940AXIT CYPRESS-CY29940AXIT Datasheet
392Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
More results

Similar Description - CY29940AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
   2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29943 CYPRESS-CY29943 Datasheet
188Kb / 7P
   2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
B9940L CYPRESS-B9940L Datasheet
182Kb / 5P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940 Datasheet
189Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29947 CYPRESS-CY29947 Datasheet
103Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
CY29946 CYPRESS-CY29946 Datasheet
111Kb / 6P
   2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_06 Datasheet
191Kb / 8P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29948 CYPRESS-CY29948 Datasheet
108Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29949 CYPRESS-CY29949_08 Datasheet
328Kb / 7P
   2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com