Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA2352M Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA2352M
Description  Monolithic Linear IC For Car-LAN Transceiver IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2352M Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA2352M Datasheet HTML 1Page - Sanyo Semicon Device LA2352M Datasheet HTML 2Page - Sanyo Semicon Device LA2352M Datasheet HTML 3Page - Sanyo Semicon Device LA2352M Datasheet HTML 4Page - Sanyo Semicon Device LA2352M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LA2352M
No.A0304-4/5
Pin Description
Pin
No.
Pin
Name
Pin Description
Pin Function
Remarks
1
VCC2
Comparator power supply
Same as VCC1 (pin 24)
2
GND3
DAC GND
GND dedicated to DAC.
3
CPD
Comparator non-inverted output
4
GND2
Comparator GND
GND dedicated to comparator.
5
CP1
Comparator input (+)
6
NFO
Noise elimination filter output
7
CP2
Comparator input (-)
Standard: OPEN
8
GND1
GND
System GND.
9
FCC
Baud rate setting
5Mbps as connected to GND and 7.5Mbps as
connected to VCC1.
10
BIAS5
Comparator bias
Connect to GND via capacitor.
11
FADJ
Fine adjustment of the noise elimination LPF
shut-off frequency
Adjust with a resistor to GND.
Standard: OPEN
12
BIAS4
Bias voltage
Connect to GND via capacitor.
13
GCNT
Receiving amplifier amplitude adjustment
Adjust with a resistor to GND.
(C connection with GND)
Standard: 0
14
RXI2
Receive signal inverted input
15
RXI1
Receive signal non-inverted input
16
BIAS2
Bias voltage
Connect to GND via capacitor.
17
VCC3
Power supply
Same as VCC1 (pin 24)
18
TXO2
Send signal non-inverted output
19
TXO1
Send signal inverted output
20
VDDI
Comparator switch
Connect VDD to supply to the protocol chip.
21
BIAS3
Bias voltage
Connect to GND via capacitor.
22
DRVI
Output driver input
23
LPFO
LPF output
24
VCC1
Power supply
+5.0V
±5%
25
TXEN
Send/receive changeover control
L for send and H for receive.
(VOL = 0.5V, VOH = 2.4V)
26
LPFI
LPF input
27
DAO
D/A converter output
0.5Vp-p
±1dB
28
TXI2
D/A converter input (MSB)
VOL = 0.5V, VOH = 2.4V
29
TXI1
D/A converter input
VOL = 0.5V, VOH = 2.4V
30
TXI0
D/A converter input (LSB)
VOL = 0.5V, VOH = 2.4V


Similar Part No. - LA2352M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2351M SANYO-LA2351M Datasheet
134Kb / 5P
   For Car-LAN Transceiver IC
More results

Similar Description - LA2352M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2351M SANYO-LA2351M Datasheet
134Kb / 5P
   For Car-LAN Transceiver IC
LA2333T SANYO-LA2333T Datasheet
190Kb / 5P
   Monolithic Linear IC Automotive LAN Transceiver IC
LA1776M SANYO-LA1776M Datasheet
544Kb / 41P
   Monolithic Linear IC Single-Chip Tuner IC for Car Radios
LA2335M SANYO-LA2335M Datasheet
69Kb / 4P
   Monolithic Linear IC For Audio Equipment Control Transceiver IC
LA47510 SANYO-LA47510 Datasheet
1Mb / 8P
   Monolithic Linear IC BTL (50W횞4) Power IC for Car Stereo Systems
LA2360M SANYO-LA2360M Datasheet
67Kb / 5P
   Monolithic Linear IC CAN Transceiver
LV5694P SANYO-LV5694P Datasheet
310Kb / 13P
   Monolithic Linear IC For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com