Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25818SXCT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY25818SXCT
Description  Spread Spectrum Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25818SXCT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY25818SXCT Datasheet HTML 1Page - Cypress Semiconductor CY25818SXCT Datasheet HTML 2Page - Cypress Semiconductor CY25818SXCT Datasheet HTML 3Page - Cypress Semiconductor CY25818SXCT Datasheet HTML 4Page - Cypress Semiconductor CY25818SXCT Datasheet HTML 5Page - Cypress Semiconductor CY25818SXCT Datasheet HTML 6Page - Cypress Semiconductor CY25818SXCT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CY25818/19
Document #: 38-07362 Rev. *B
Page 2 of 7
.
Overview
The Cypress CY25818/19 products are Spread Spectrum
Clock Generator (SSCG) ICs used for the purpose of reducing
EMI found in today’s high-speed digital electronic systems.
The devices use a Cypress proprietary phase-locked loop
(PLL) and Spread Spectrum Clock (SSC) technology to
synthesize and modulate the frequency of the input clock. By
frequency modulating the clock, the measured EMI at the
fundamental and harmonic frequencies is greatly reduced.
This reduction in radiated energy can significantly reduce the
cost of complying with regulatory agency requirements and
improve time to market without degrading system perfor-
mance.
The input frequency range is 8–16 MHz for the CY25818 and
16–32 MHz for the CY25819. Both products accept external
clock, crystal, or ceramic resonator inputs.
The CY25818/19 provide separate modulated (SSCLK) and
unmodulated reference (REFCLK) clock outputs which are the
same frequency as the input clock frequency. Down spread
frequency modulation can be selected by the user, based on
three discrete values of Spread%. A separate power down
function is also provided.
The CY25818/19 products are available in an 8-pin SOIC
(150-mil) package with a commercial operating temperature
range of 0–70
°C. Contact Cypress for availability of –40 to
+85
°C industrial temperature range operation or TSSOP
package
versions.
Refer
to
the
CY25568,
CY25811,
CY25812, and CY25814 products for other functions such as
clock multiplication of 1×, 2×, or 4× to generate a wide range
of Spread Spectrum output clocks from 4 to 128 MHz.
Input Frequency Range and Selection
CY25818/19 input frequency range is 8–32 MHz. This range
is divided into two segments, as given in Table 1.
Spread% Selection
CY25818/19 SSCG products provide Down-Spread frequency
modulation. The amount of Spread% is selected by using
3-Level S0 digital input. Spread% values are given in Table 2.
Pin Description
Pin
Name
Description
1
XIN/CLK
Clock, Crystal, or Ceramic Resonator Input Pin.
2
Vss
Power Supply Ground.
3
S0
Digital Spread% Control Pin. 3-Level input (H-M-L). Default = M.
4
SSCLK
Modulated Spread Spectrum Output Clock. The output frequency is referenced to input frequency. Refer
to Table 2 for the amount of modulation (Spread%).
5REFCLK
Unmodulated Reference Clock Output. The unmodulated output frequency is the same as the input
frequency.
6
PD#
Power-Down Control Pin. Default = H (Vdd).
7
Vdd
Positive Power Supply.
8XOUT
Clock, Crystal, or Ceramic Resonator Output Pin. Leave this pin unconnected if an external clock is used
at XIN pin.
Table 1. Input and Output Frequency Selection
Product
Input/Output Frequency Range
CY25818
8–16 MHz
CY25819
16–32 MHz
Table 2. Spread% Selection
XIN (MHz)
Product
S0 = 1
S0 = 0
S0 = M
Down (%)
Down (%)
Down (%)
8–10
CY25818
–3.0
–2.2
–0.7
10–12
CY25818
–2.7
–1.9
–0.6
12–14
CY25818
–2.5
–1.8
–0.6
14–16
CY25818
–2.3
–1.7
–0.5
16–20
CY25819
–3.0
–2.2
–0.7
20–24
CY25819
–2.7
–1.9
–0.6
24–28
CY25819
–2.5
–1.8
–0.6
28–32
CY25819
–2.3
–1.7
–0.5
[+] Feedback
[+] Feedback


Similar Part No. - CY25818SXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25818SXCT CYPRESS-CY25818SXCT Datasheet
153Kb / 7P
   Spread Spectrum Clock Generator
More results

Similar Description - CY25818SXCT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com