Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25818 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY25818
Description  Spread Spectrum Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25818 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY25818 Datasheet HTML 1Page - Cypress Semiconductor CY25818 Datasheet HTML 2Page - Cypress Semiconductor CY25818 Datasheet HTML 3Page - Cypress Semiconductor CY25818 Datasheet HTML 4Page - Cypress Semiconductor CY25818 Datasheet HTML 5Page - Cypress Semiconductor CY25818 Datasheet HTML 6Page - Cypress Semiconductor CY25818 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY25818/19
Document #: 38-07362 Rev. *B
Page 4 of 7
Characteristics Curves
The following curves demonstrate the characteristic behavior
of the CY25818/19 when tested over a number of environ-
mental and application specific parameters. These are typical
performance curves and are not meant to replace any
parameter specified in Table 4 and Table 5.
Notes:
1. Single Power Supply: The voltage on any input or I/O pin cannot exceed the power pin during power-up.
2. Operation at any Absolute Maximum Rating is not implied.
Table 5. Timing Electrical Characteristics Vdd = 3.3V ±10%, TA = 0°C to +70°C and CL = 15 pF (unless otherwise noted)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
ICLKFR1
Input Frequency Range
CY25818
8
16
MHz
ICLKFR2
Input Frequency Range
CY25819
16
32
MHz
trise1
Clock Rise Time
SSCLK and REFCLK, 0.4V to 2.4V
2.0
3.0
4.0
ns
tfall1
Clock Fall Time
SSCLK and REFCLK, 0.4V to 2.4V
2.0
3.0
4.0
ns
CDCin
Input Clock Duty Cycle
XIN
20
50
80
%
CDCout
Output Clock Duty Cycle
SSCLK and REFCLK @ 1.5V
45
50
55
%
CCJss
Cycle-to-Cycle Jitter
SSCLK; FIN = FOUT = 8–32 MHz
250
350
ps
CCJref
Cycle-to-Cycle Jitter
REFCLK; FIN = FOUT = 8–32 MHz
275
375
ps
200
210
220
230
240
250
260
270
280
290
300
8
1 21 62 02 42 83 2
F r e q ue nc y ( M H z )
REF C L K CY2 5 8 18
S S C L K C Y25 818
REF C L K CY2 5 8 19
S S CL K CY2 5 8 19
Figure 2. CCJ (ps) vs. Frequency (MHz)
1.75
2
2.25
2.5
2.75
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temp (C)
12 MHz
32.0 MHz
Figure 3. Bandwidth% vs. Temperature
10
11
12
13
14
15
16
17
18
19
20
8
12
16
2 0
2 42 83 2
F r e q ue nc y ( M H z )
C Y 25819
16 - 32 M H z
C Y 25818
8 - 16 M H z
Figure 4. IDD (mA) vs. Frequency (MHz)
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
VDD (volts)
CY25819@32 MHz
CY25818@8.0 MHz
Figure 5. Bandwidth% vs. Vdd
[+] Feedback
[+] Feedback


Similar Part No. - CY25818

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25818 CYPRESS-CY25818 Datasheet
130Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
CY25818SC CYPRESS-CY25818SC Datasheet
130Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
CY25818SC CYPRESS-CY25818SC Datasheet
153Kb / 7P
   Spread Spectrum Clock Generator
CY25818SCT CYPRESS-CY25818SCT Datasheet
130Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
CY25818SCT CYPRESS-CY25818SCT Datasheet
153Kb / 7P
   Spread Spectrum Clock Generator
More results

Similar Description - CY25818

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com