Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25818 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY25818
Description  Spread Spectrum Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25818 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY25818_06 Datasheet HTML 1Page - Cypress Semiconductor CY25818_06 Datasheet HTML 2Page - Cypress Semiconductor CY25818_06 Datasheet HTML 3Page - Cypress Semiconductor CY25818_06 Datasheet HTML 4Page - Cypress Semiconductor CY25818_06 Datasheet HTML 5Page - Cypress Semiconductor CY25818_06 Datasheet HTML 6Page - Cypress Semiconductor CY25818_06 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CY25818/19
Document #: 38-07362 Rev. *B
Page 3 of 7
3-Level Digital Inputs
S0 digital input is designed to sense three logic levels desig-
nated as HIGH “1,” LOW “0,” and MIDDLE “M.” With this
3-Level digital input logic, the 3-Level logic is able to detect
three different logic levels.
The S0 pin includes an on-chip 20K (10K/10K) resistor divider.
No external application resistors are needed to implement
3-Level logic, as follows.
Logic Level “0”: 3-Level logic pin connected to GND.
Logic Level “M”: 3-Level logic pin left floating (no connection.)
Logic Level “1”: 3-Level logic pin connected to Vdd.
Figure 1 illustrates how to implement 3-Level Logic.
Modulation Rate
Spread
Spectrum
Clock
Generators
utilize
frequency
modulation (FM) to distribute energy over a specific band of
frequencies. The maximum frequency of the clock (fmax) and
minimum frequency of the clock (fmin) determine this band of
frequencies. The time required to transition from fmin to fmax
and back to fmin is the period of the Modulation Rate, Tmod.
The Modulation Rates of SSCG clocks are generally referred
to in terms of frequency, and fmod = 1/Tmod.
The input clock frequency, fin, and the internal divider
determine the Modulation Rate.
In the case of CY25818/19 devices, the (Spread Spectrum)
Modulation Rate, fmod, is given by the following formula:
fmod = fIN/DR
where fmod is the Modulation Rate, fIN is the Input Frequency,
and DR is the Divider Ratio, as given in Table 3.
Maximum Ratings[1, 2]
Supply Voltage (Vdd): ..................................................+ 5.5V
Input Voltage Relative to Vdd:.............................. Vdd + 0.3V
Input Voltage Relative to Vss:............................... Vss + 0.3V
Operating Temperature:................................... 0
°C to + 70°C
Storage Temperature: ................................ –65
°C to + 150°C
LO G IC
LO W (0 )
LO G IC
M IDDL E (M )
LO G IC
HIG H (H )
S0
to V D D
S0
UNCO N N E C T E D
S0
to V S S
VDD
VS S
Figure 1. 3-Level Logic
Table 3. Modulation Rate Divider Ratios
Product
Input Frequency Range
Divider Ratio (DR)
CY25818
8–16 MHz
256
CY25819
16–32 MHz
512
Table 4. DC Electrical Characteristics Vdd = 3.3V ±10%, TA = 0°C to +70°C and CL = 15 pF (unless otherwise noted)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
Vdd
Power Supply Range
2.97
3.3
3.63
V
VINH
Input HIGH Voltage
S0 Input
0.85 Vdd
Vdd
Vdd
V
VINM
Input MIDDLE Voltage
S0 Input
0.40 Vdd
0.50 Vdd
0.60 Vdd
V
VINL
Input LOW Voltage
S0 Input
0.0
0.0
0.15 Vdd
V
VOH1
Output HIGH Voltage
IOH = 4 ma, SSCLK and REFCLK
2.4
V
VOH2
Output HIGH Voltage
IOH = 6 ma, SSCLK and REFCLK
2.0
V
VOL1
Output LOW Voltage
IOL = 4 ma, SSCLK Output
0.4
V
VOL2
Output LOW Voltage
IOL = 10 ma, SSCLK Output
1.2
V
CIN1
Input Capacitance
XIN (Pin 1) and XOUT (Pin 8)
6.0
7.5
9.0
pF
CIN2
Input Capacitance
All Digital Inputs
3.5
4.5
6.0
pF
IDD1
Power Supply Current
FIN=8 MHz, no load
10.0
12.5
mA
IDD3
Power Supply Current
FIN=32 MHz, no load
19.0
23.0
mA
IDD4
Power Supply Current
PD# = Vss
150
250
mA
[+] Feedback
[+] Feedback


Similar Part No. - CY25818_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25818 CYPRESS-CY25818_09 Datasheet
153Kb / 7P
   Spread Spectrum Clock Generator
More results

Similar Description - CY25818_06

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com