Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2308ZXC-1HT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2308ZXC-1HT
Description  3.3V Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2308ZXC-1HT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2308ZXC-1HT Datasheet HTML 1Page - Cypress Semiconductor CY2308ZXC-1HT Datasheet HTML 2Page - Cypress Semiconductor CY2308ZXC-1HT Datasheet HTML 3Page - Cypress Semiconductor CY2308ZXC-1HT Datasheet HTML 4Page - Cypress Semiconductor CY2308ZXC-1HT Datasheet HTML 5Page - Cypress Semiconductor CY2308ZXC-1HT Datasheet HTML 6Page - Cypress Semiconductor CY2308ZXC-1HT Datasheet HTML 7Page - Cypress Semiconductor CY2308ZXC-1HT Datasheet HTML 8Page - Cypress Semiconductor CY2308ZXC-1HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY2308
Document Number: 38-07146 Rev. *E
Page 5 of 15
Switching Characteristics for Commercial Temperature Devices [8]
Parameter
Name
Test Conditions
Min.
Typ.
Max.
Unit
t1
Output Frequency
30-pF load, All devices
10
100
MHz
t1
Output Frequency
20-pF load, –1H, –5H devices[9]
10
133.3
MHz
t1
Output Frequency
15-pF load, –1, –2, –3, –4 devices
10
133.3
MHz
Duty Cycle[7] = t2 ÷ t1
(–1, –2, –3, –4, –1H, –5H)
Measured at 1.4V, FOUT = 66.66 MHz
30-pF load
40.0
50.0
60.0
%
Duty Cycle[7] = t2 ÷ t1
(–1, –2, –3, –4, –1H, –5H)
Measured at 1.4V, FOUT <50.0 MHz
15-pF load
45.0
50.0
55.0
%
t3
Rise Time[7]
(–1, –2, –3, –4)
Measured between 0.8V and 2.0V,
30-pF load
2.20
ns
t3
Rise Time[7]
(–1, –2, –3, –4)
Measured between 0.8V and 2.0V,
15-pF load
1.50
ns
t3
Rise Time[7]
(–1H, –5H)
Measured between 0.8V and 2.0V,
30-pF load
1.50
ns
t4
Fall Time[7]
(–1, –2, –3, –4)
Measured between 0.8V and 2.0V,
30-pF load
2.20
ns
t4
Fall Time[7]
(–1, –2, –3, –4)
Measured between 0.8V and 2.0V,
15-pF load
1.50
ns
t4
Fall Time[7]
(–1H, –5H)
Measured between 0.8V and 2.0V,
30-pF load
1.25
ns
t5
Output to Output Skew on
same Bank
(–1, –2, –3, –4)[7]
All outputs equally loaded
200
ps
Output to Output Skew
(–1H, –5H)
All outputs equally loaded
200
ps
Output Bank A to Output
Bank B Skew (–1, –4, –5H)
All outputs equally loaded
200
ps
Output Bank A to Output
Bank B Skew (–2, –3)
All outputs equally loaded
400
ps
t6
Delay, REF Rising Edge to
FBK Rising Edge[7]
Measured at VDD/2
0
±250
ps
t7
Device to Device Skew[7]
Measured at VDD/2 on the FBK pins of
devices
–0
700
ps
t8
Output Slew Rate[7]
Measured between 0.8V and 2.0V on –1H,
–5H device using Test Circuit 2
1–
V/ns
tJ
Cycle to Cycle Jitter[7]
(–1, –1H, –4, –5H)
Measured at 66.67 MHz, loaded outputs,
15-pF load
–75
200
ps
Measured at 66.67 MHz, loaded outputs,
30-pF load
––
200
ps
Measured at 133.3 MHz, loaded outputs,
15-pF load
––
100
ps
tJ
Cycle to Cycle Jitter[7]
(–2, –3)
Measured at 66.67 MHz, loaded outputs
30-pF load
––
400
ps
Measured at 66.67 MHz, loaded outputs
15-pF load
––
400
ps
tLOCK
PLL Lock Time[7]
Stable power supply, valid clocks presented
on REF and FBK pins
––
1.0
ms
Notes
8. All parameters are specified with loaded outputs.
9. CY2308–5H has maximum input frequency of 133.33 MHz and maximum output of 66.67 MHz.
[+] Feedback


Similar Part No. - CY2308ZXC-1HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2308ZXC-1HT CYPRESS-CY2308ZXC-1HT Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
CY2308ZXC-1HT CYPRESS-CY2308ZXC-1HT Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
More results

Similar Description - CY2308ZXC-1HT

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com