Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CY25701JXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part No. CY25701JXC
Description  Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY25701JXC Datasheet(HTML) 5 Page - Cypress Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CY25701JXC/FJXC
Document #: 38-07684 Rev. *E
Page 5 of 7
Informational Graphs [4]
Spread Spectrum Profile: Fnom=166MHz,
Fmod=30kHz, Spread%= -4%
172.5
171.5
170.5
169.5
168.5
167.5
166.5
165.5
164.5
163.5
162.5
161.5
160.5
159.5
Fnominal
0
20
40
60
80
100
120
140
160
180
200
Time (us)
Spread Spectrum Profile: Fnom=166MHz,
Fmod=30kHz, Spread%= +/-1%
0
20
40
60
80
100
120
140
160
180
200
Time (us)
Fnominal
169.5
169
168.5
168
167.5
167
166.5
166
165.5
165
164.5
164
163.5
163
162.5
Spread Spectrum Profile: Fnom=66MHz,
Fmod=30kHz, Spread%= -4%
0
20
40
60
80
100
120
140
160
180
200
Time (us)
Fnominal
68.5
68
67.5
67
66.5
66
65.5
65
64.5
64
63.5
Spread Spectrum Profile: Fnom=66MHz,
Fmod=30kHz, Spread%= +/-1%
0
20
40
60
80
100
120
140
160
180
200
Time (us)
Fnominal
67.5
67
66.5
66
65.5
65
64.5
Ordering Information
Part Number[5,6]
Package description
Product Flow
Lead-free (Pb-free)
CY25701JXC–ZZZ
4-Lead Plastic JE SMD
Commercial, –20° to 70°C
CY25701JXC–ZZZT
4-Lead Plastic JE SMD - Tape and Reel
Commercial, –20° to 70°C
CY25701FJXC
4-Lead Plastic JE SMD
Commercial, –20° to 70°C
CY25701FJXCT
4-Lead Plastic JE SMD - Tape and Reel
Commercial, –20° to 70°C
Notes:
4. The “Informational Graphs” are meant to convey the typical performance levels. No performance specifications is implied or guaranteed. Refer to the tables on
pages 4 and 5 for device specifications.
5. “ZZZ” denotes the assigned product dash number. This number will be assigned by factory after the output frequency and spread percent programming data is
received from the customer.
6. “FJXC” suffix is used for products programmed in field by Cypress distributors.
[+] Feedback
[+] Feedback


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn