Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CY25402 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part No. CY25402
Description  Two PLL Programmable Clock Generator with Spread Spectrum
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY25402 Datasheet(HTML) 6 Page - Cypress Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PRELIMINARY
CY25402
CY25422
Document #: 001-12565 Rev. *A
Page 6 of 8
Ordering Information
Part Number[2]
Type
VDD(V)
Temperature Range
Lead-free
CY25402SXC-xxx
8-pin SOIC
3.3, 3.0 or 2.5
Commercial, 0°C to 70°C
CY25402SXC-xxxT
8-pin SOIC-Tape & Reel
3.3, 3.0 or 2.5
Commercial, 0°C to 70°C
CY25402FSXC
8-pin SOIC
3.3, 3.0 or 2.5
Commercial, 0°C to 70°C
CY25402FSXC
8-pin SOIC-Tape & Reel
3.3, 3.0 or 2.5
Commercial, 0°C to 70°C
CY25422SXC-xxx
8-pin SOIC
1.8
Commercial, 0°C to 70°C
CY25422SXC-xxxT
8-pin SOIC-Tape & Reel
1.8
Commercial, 0°C to 70°C
CY25422FSXC
8-pin SOIC
1.8
Commercial, 0°C to 70°C
CY25422FSXCT
8-pin SOIC-Tape & Reel
1.8
Commercial, 0°C to 70°C
CY25402SXI-xxx
8-pin SOIC
3.3, 3.0 or 2.5
Industrial, -40°C to +85°C
CY25402SXI-xxxT
8-pin SOIC-Tape & Reel
3.3, 3.0 or 2.5
Industrial, -40°C to +85°C
CY25402FSXI
8-pin SOIC
3.3, 3.0 or 2.5
Industrial, -40°C to +85°C
CY25402FSXIT
8-pin SOIC-Tape & Reel
3.3, 3.0 or 2.5
Industrial, -40°C to +85°C
CY25422SXI-xxx
8-pin SOIC
1.8
Industrial, -40°C to +85°C
CY25422SXI-xxxT
8-pin SOIC-Tape & Reel
1.8
Industrial, -40°C to +85°C
CY25422FSXI
8-pin SOIC
1.8
Industrial, -40°C to +85°C
CY25422FSXIT
8-pin SOIC-Tape & Reel
1.8
Industrial, -40°C to +85°C
Note
2. xxx Indicates Factory Programmable are factory programmed configurations. For more details, contact your local Cypress FAE or Cypress Sales Representative.
F in the part number indicates field programmable using CyberClocks Online software.
[+] Feedback
[+] Feedback


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn