Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY24488 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY24488
Description  Quad PLL Clock Generator with Serial Interface (I2C)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24488 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY24488 Datasheet HTML 1Page - Cypress Semiconductor CY24488 Datasheet HTML 2Page - Cypress Semiconductor CY24488 Datasheet HTML 3Page - Cypress Semiconductor CY24488 Datasheet HTML 4Page - Cypress Semiconductor CY24488 Datasheet HTML 5Page - Cypress Semiconductor CY24488 Datasheet HTML 6Page - Cypress Semiconductor CY24488 Datasheet HTML 7Page - Cypress Semiconductor CY24488 Datasheet HTML 8Page - Cypress Semiconductor CY24488 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY24488
Document #: 001-09608 Rev. *A
Page 4 of 15
Programming Flow
The device registers may be programmed in any sequence,
but for convenience, a suggested programming flow is shown
in Figure 2.
Any step in this programming sequence may be skipped if the
default value is the desired value.
When programming an output frequency, the new frequency
will be valid on that output after all of the specified data values
have been written to all of the specified addresses. When
changing an output frequency, the output may transition
through one or more indeterminate frequencies between the
writing of the first byte and the last byte.
Note that some of the programming steps are not as
independent as they appear in the flow diagram. In particular,
addresses 48H, 53H, and 57H control both output frequencies
and drive strength. Because a byte is the smallest unit that
may be programmed through the serial interface, the user
must consider both the frequency setting and the output drive
strength when constructing the byte value to be written into
these particular address. It is not necessary to write more than
once to any given address, but that one write must have all of
the bits set correctly.
Example: configure CLKC for 33.8688 MHz and 2.5V output.
For address 48H, start with the value in Table 4: 89H (binary
10001001). Table 9 shows that bits 7 & 6 control the drive
st
r
engt
h,whi
chshoul
dbe‘
11’(
f
r
omTable 10). Therefore, the
final value is 11001001, which is C9H. This value is written
once.
Figure 2. Programming Flow
Default
Output Supply
Voltage settings if
2.5V (Table 3)
Drive Strength
settings for 2.5V
or EMI
(Tables 9, 4, 6, 8)
Reference CLK &
Crystal settings
(Table 2)
CLKC, D & E
Frequency settings
(Tables 4 - 6)
CLKF & G
Frequency settings
(Tables 7 - 8)
Table 2. Register Settings for VCXO and Reference
Reference Clock and VCXO
Crystal
Address
Manufacturer Part No.
Package
Specified CL
16H
17H
CLKIN (external reference), VCXO off
89
3A
Crystal, VCXO off
any
any
10.7 pF
88
4F
Crystal, VCXO off
any
any
12 pF
88
5F
Crystal, VCXO off (default)
any
any
12.6 pF
88
67
Crystal, VCXO off
any
any
14 pF
88
77
Crystal, VCXO on
KDS DSX530GA
5x3.2 mm
12.6 pF
88
3A
Crystal, VCXO on
KDS DSX530GA
5x3.2 mm
10.7 pF
88
2A
Crystal, VCXO on
RIVER FCX-03
5x3.2 mm
12 pF
88
41
Crystal, VCXO on
KDK
5x3.2 mm
12 pF
88
3A
Crystal, VCXO on
KDS
SMD-49
12 pF
88
39
Crystal, VCXO on
Ecliptek ECX-6277
SMD-49
12 pF
88
41
Table 3. Register Settings for Output Supply Voltages
Output
Output Supply Voltages
Address
41H
43H
CLKC
VDD1 = 3.3V
BF (default)
VDD1 = 2.5V
7F
CLKD, CLKE, CLKF, CLKG
VDD2 = 3.3V
A0 (default)
VDD2 = 2.5V
90
[+] Feedback
[+] Feedback


Similar Part No. - CY24488

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY244ZXC CYPRESS-CY244ZXC Datasheet
164Kb / 9P
   Factory Programmable Quad PLL Clock Generator with VCXO
CY244ZXC-XXX CYPRESS-CY244ZXC-XXX Datasheet
164Kb / 9P
   Factory Programmable Quad PLL Clock Generator with VCXO
CY244ZXC-XXXT CYPRESS-CY244ZXC-XXXT Datasheet
164Kb / 9P
   Factory Programmable Quad PLL Clock Generator with VCXO
More results

Similar Description - CY24488

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545_0710 CYPRESS-CY2545_0710 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
logo
Renesas Technology Corp
IDT1337AG RENESAS-IDT1337AG Datasheet
401Kb / 27P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
REV D 071417
logo
Cypress Semiconductor
CY244ZXC CYPRESS-CY244ZXC Datasheet
164Kb / 9P
   Factory Programmable Quad PLL Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com