Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1527V18-300BZXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1527V18-300BZXC
Description  72-Mbit DDR-II SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1527V18-300BZXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1527V18-300BZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1527V18-300BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1527V18-300BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1527V18-300BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1527V18-300BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1527V18-300BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1527V18-300BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1527V18-300BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1527V18-300BZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
72-Mbit DDR-II SRAM 2-Word
Burst Architecture
CY7C1516V18
CY7C1527V18
CY7C1518V18
CY7C1520V18
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05563 Rev. *D
Revised June 1, 2006
Features
• 72-Mbit density (8M x 8, 8M x 9, 4M x 18, 2M x 36)
• 300-MHz clock for high bandwidth
• 2-Word burst for reducing address bus frequency
• Double Data Rate (DDR) interfaces
(data transferred at 600 MHz) @ 300 MHz
• Two input clocks (K and K) for precise DDR timing
— SRAM uses rising edges only
• Two input clocks for output data (C and C) to minimize
clock-skew and flight-time mismatches
• Echo clocks (CQ and CQ) simplify data capture in
high-speed systems
• Synchronous internally self-timed writes
• 1.8V core power supply with HSTL inputs and outputs
• Variable drive HSTL output buffers
• Expanded HSTL output voltage (1.4V–VDD)
• Available in 165-ball FBGA package (15 x 17 x 1.4 mm)
• Offered in both lead-free and non lead-free packages
• JTAG 1149.1 compatible test access port
• Delay Lock Loop (DLL) for accurate data placement
Configurations
CY7C1516V18 – 8M x 8
CY7C1527V18 – 8M x 9
CY7C1518V18 – 4M x 18
CY7C1520V18 – 2M x 36
Functional Description
The CY7C1516V18, CY7C1527V18, CY7C1518V18, and
CY7C1520V18 are 1.8V Synchronous Pipelined SRAM
equipped with DDR-II architecture. The DDR-II consists of an
SRAM core with advanced synchronous peripheral circuitry
and a 1-bit burst counter. Addresses for Read and Write are
latched on alternate rising edges of the input (K) clock.Write
data is registered on the rising edges of both K and K. Read
data is driven on the rising edges of C and C if provided, or on
the rising edge of K and K if C/C are not provided. Each
address location is associated with two 8-bit words in the case
of CY7C1516V18 and two 9-bit words in the case of
CY7C1527V18 that burst sequentially into or out of the device.
The burst counter always starts with a “0” internally in the case
of CY7C1516V18 and CY7C1527V18. On CY7C1518V18 and
CY7C1520V18, the burst counter takes in the least significant
bit of the external address and bursts two 18-bit words in the
case of CY7C1518V18 and two 36-bit words in the case of
CY7C1520V18 sequentially into or out of the device.
Asynchronous inputs include output impedance matching
input (ZQ). Synchronous data outputs (Q, sharing the same
physical pins as the data inputs D) are tightly matched to the
two output echo clocks CQ/CQ, eliminating the need for
separately capturing data from each individual DDR SRAM in
the system design. Output data clocks (C/C) enable maximum
system clocking and data synchronization flexibility.
All synchronous inputs pass through input registers controlled
by the K or K input clocks. All data outputs pass through output
registers controlled by the C or C (or K or K in a single clock
domain) input clocks. Writes are conducted with on-chip
synchronous self-timed write circuitry.
Selection Guide
300 MHz
278 MHz
250 MHz
200 MHz
167 MHz
Unit
Maximum Operating Frequency
300
278
250
200
167
MHz
Maximum Operating Current (x36)
900
860
800
700
650
mA
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1527V18-300BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1527AV18 CYPRESS-CY7C1527AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1527AV18 CYPRESS-CY7C1527AV18 Datasheet
691Kb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1527AV18-167BZC CYPRESS-CY7C1527AV18-167BZC Datasheet
1Mb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1527AV18-167BZC CYPRESS-CY7C1527AV18-167BZC Datasheet
691Kb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1527AV18-167BZI CYPRESS-CY7C1527AV18-167BZI Datasheet
1Mb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1527V18-300BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1516JV18 CYPRESS-CY7C1516JV18 Datasheet
629Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1566KV18 CYPRESS-CY7C1566KV18 Datasheet
834Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516JV18 CYPRESS-CY7C1516JV18_09 Datasheet
666Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_09 Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18_07 Datasheet
691Kb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_11 Datasheet
1Mb / 33P
   72-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18 Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C2566KV18 CYPRESS-CY7C2566KV18 Datasheet
837Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com