Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1518AV18-167BZXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1518AV18-167BZXC
Description  72-Mbit DDR-II SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1518AV18-167BZXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1518AV18-167BZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1518AV18-167BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1518AV18-167BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1518AV18-167BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1518AV18-167BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1518AV18-167BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1518AV18-167BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1518AV18-167BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1518AV18-167BZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
PRELIMINARY
72-Mbit DDR-II SRAM 2-Word Burst
Architecture
CY7C1516AV18
CY7C1527AV18
CY7C1518AV18
CY7C1520AV18
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-06982 Rev. *B
Revised September 20, 2006
Features
• 72-Mbit density (8M x 8, 8M x 9, 4M x 18, 2M x 36)
• 300-MHz clock for high bandwidth
• 2-Word burst for reducing address bus frequency
• Double Data Rate (DDR) interfaces
(data transferred at 600 MHz) @ 300 MHz
• Two input clocks (K and K) for precise DDR timing
— SRAM uses rising edges only
• Two input clocks for output data (C and C) to minimize
clock-skew and flight-time mismatches
• Echo clocks (CQ and CQ) simplify data capture in
high-speed systems
• Synchronous internally self-timed writes
• DDR-II operates with 1.5 cycle read latency when DLL
is enabled
• Operates like a DDR I device with 1 cycle read latency
in DLL off mode
• 1.8V core power supply with HSTL inputs and outputs
• Variable drive HSTL output buffers
• Expanded HSTL output voltage (1.4V–VDD)
• Available in 165-ball FBGA package (15 x 17 x 1.4 mm)
• Offered in both lead-free and non lead-free packages
• JTAG 1149.1 compatible test access port
• Delay Lock Loop (DLL) for accurate data placement
Configurations
CY7C1516AV18 – 8M x 8
CY7C1527AV18 – 8M x 9
CY7C1518AV18 – 4M x 18
CY7C1520AV18 – 2M x 36
Functional Description
The CY7C1516AV18, CY7C1527AV18, CY7C1518AV18 and
CY7C1520AV18 are 1.8V Synchronous Pipelined SRAM
equipped with DDR-II architecture. The DDR-II consists of an
SRAM core with advanced synchronous peripheral circuitry
and a 1-bit burst counter. Addresses for Read and Write are
latched on alternate rising edges of the input (K) clock.Write
data is registered on the rising edges of both K and K. Read
data is driven on the rising edges of C and C if provided, or on
the rising edge of K and K if C/C are not provided. Each
address location is associated with two 8-bit words in the case
of CY7C1516AV18 and two 9-bit words in the case of
CY7C1527AV18 that burst sequentially into or out of the
device. The burst counter always starts with a “0” internally in
the case of CY7C1516AV18 and CY7C1527AV18. On
CY7C1518AV18 and CY7C1520AV18, the burst counter takes
in the least significant bit of the external address and bursts
two 18-bit words in the case of CY7C1518AV18 and two 36-bit
words in the case of CY7C1520AV18 sequentially into or out
of the device.
Asynchronous inputs include output impedance matching
input (ZQ). Synchronous data outputs (Q, sharing the same
physical pins as the data inputs D) are tightly matched to the
two output echo clocks CQ/CQ, eliminating the need for
separately capturing data from each individual DDR SRAM in
the system design. Output data clocks (C/C) enable maximum
system clocking and data synchronization flexibility.
All synchronous inputs pass through input registers controlled
by the K or K input clocks. All data outputs pass through output
registers controlled by the C or C (or K or K in a single clock
domain) input clocks. Writes are conducted with on-chip
synchronous self-timed write circuitry.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1518AV18-167BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1518AV18-167BZXC CYPRESS-CY7C1518AV18-167BZXC Datasheet
691Kb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1518AV18-167BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1516JV18 CYPRESS-CY7C1516JV18 Datasheet
629Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1566KV18 CYPRESS-CY7C1566KV18 Datasheet
834Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516JV18 CYPRESS-CY7C1516JV18_09 Datasheet
666Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_09 Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516V18 CYPRESS-CY7C1516V18 Datasheet
673Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18_07 Datasheet
691Kb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_11 Datasheet
1Mb / 33P
   72-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18 Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C2566KV18 CYPRESS-CY7C2566KV18 Datasheet
837Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com